Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2154 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 17Page - Dallas Semiconductor DS2154 Datasheet HTML 18Page - Dallas Semiconductor DS2154 Datasheet HTML 19Page - Dallas Semiconductor DS2154 Datasheet HTML 20Page - Dallas Semiconductor DS2154 Datasheet HTML 21Page - Dallas Semiconductor DS2154 Datasheet HTML 22Page - Dallas Semiconductor DS2154 Datasheet HTML 23Page - Dallas Semiconductor DS2154 Datasheet HTML 24Page - Dallas Semiconductor DS2154 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
DS2154
21 of 87
IDR: DEVICE IDENTIFICATION REGISTER (Address=0F Hex)
(MSB)
(LSB)
T1E1
0
0
0
ID3
ID2
ID1
ID0
SYMBOL
POSITION
NAME AND DESCRIPTION
T1E1
IDR.7
T1 or E1 Chip Determination Bit.
0=T1 chip
1=E1 chip
ID3
IDR.3
Chip Revision Bit 3. MSB of a decimal code that represents the
chip revision.
ID2
IDR.1
Chip Revision Bit 2.
ID1
IDR.2
Chip Revision Bit 1.
ID0
IDR.0
Chip Revision Bit 0. LSB of a decimal code that represents the
chip revision.
RCR1: RECEIVE CONTROL REGISTER 1 (Address=10 Hex)
(MSB)
(LSB)
RSMF
RSM
RSIO
-
-
FRC
SYNCE
RESYNC
SYMBOL
POSITION
NAME AND DESCRIPTION
RSMF
RCR1.7
RSYNC Multiframe Function. Only used if the RSYNC pin is
programmed in the multiframe mode (RCR1.6=1).
0=RSYNC outputs CAS multiframe boundaries
1=RSYNC outputs CRC4 multiframe boundaries
RSM
RCR1.6
RSYNC Mode Select.
0=frame mode (see the timing in Section 13)
1=multiframe mode (see the timing in Section 13)
RSIO
RCR1.5
RSYNC I/O Select. (Note: this bit must be set to 0 when
RCR2.1=0).
0=RSYNC is an output (depends on RCR1.6)
1=RSYNC is an input (only valid if elastic store enabled)
-
RCR1.4
Not Assigned. Should be set to 0 when written.
-
RCR1.3
Not Assigned. Should be set to 0 when written.
FRC
RCR1.2
Frame Resync Criteria.
0=resync if FAS received in error 3 consecutive times
1=resync if FAS or bit 2 of non-FAS is received in error 3
consecutive times
SYNCE
RCR1.1
Sync Enable.
0=auto resync enabled
1=auto resync disabled
RESYNC
RCR1.0
Resync. When toggled from low to high, a resync is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com