Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2154 Datasheet(PDF) 30 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 30 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 26Page - Dallas Semiconductor DS2154 Datasheet HTML 27Page - Dallas Semiconductor DS2154 Datasheet HTML 28Page - Dallas Semiconductor DS2154 Datasheet HTML 29Page - Dallas Semiconductor DS2154 Datasheet HTML 30Page - Dallas Semiconductor DS2154 Datasheet HTML 31Page - Dallas Semiconductor DS2154 Datasheet HTML 32Page - Dallas Semiconductor DS2154 Datasheet HTML 33Page - Dallas Semiconductor DS2154 Datasheet HTML 34Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
DS2154
30 of 87
POWER-UP SEQUENCE
On power-up, after the supplies are stable, the DS2154 should be configured for operation by writing to
all of the internal registers (this includes the Test Registers) since the contents of the internal registers
cannot be predicted on power-up. Next, the LIRST (CCR5.7) bit should be toggled from 0 to 1 to reset
the line interface circuitry (it will take the DS2154 about 40 ms to recover from the LIRST bit being
toggled). Finally, after the RSYSCLK and TSYSCLK inputs are stable, the ESR bit should be toggled
from a 0 to a 1 and then back to 0 (this step can be skipped if the elastic stores are not being used). Both
TCLK and RCLKI must be present for the parallel control port to operate properly.
CCR4: COMMON CONTROL REGISTER 4 (Address=A8 Hex)
(MSB)
(LSB)
RLB
LLB
LIAIS
TCM4
TCM3
TCM2
TCM1
TCM0
SYMBOL
POSITION
NAME AND DESCRIPTION
RLB
CCR4.7
Remote Loopback.
0=loopback disabled
1= loopback enabled
LLB
CCR4.6
Local Loopback.
0=loopback disabled
1=loopback enabled
LIAIS
CCR4.5
Line Interface AIS Generation Enable. See Figure 1-1 for
details.
0=allow normal data from TPOSI/TNEGI to be transmitted at
TTIP and TRING
1=force unframed all 1s to be transmitted at TTIP and TRING
TCM4
CCR4.4
Transmit Channel Monitor Bit 4. MSB of a channel decode
that determines which transmit channel data will appear in the
TDS0M register. See Section 6 for details.
TCM3
CCR4.3
Transmit Channel Monitor Bit 3.
TCM2
CCR4.2
Transmit Channel Monitor Bit 2.
TCM1
CCR4.1
Transmit Channel Monitor Bit 1.
TCM0
CCR4.0
Transmit Channel Monitor Bit 0. LSB of the channel decode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com