Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2154 Datasheet(PDF) 37 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 37 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 33Page - Dallas Semiconductor DS2154 Datasheet HTML 34Page - Dallas Semiconductor DS2154 Datasheet HTML 35Page - Dallas Semiconductor DS2154 Datasheet HTML 36Page - Dallas Semiconductor DS2154 Datasheet HTML 37Page - Dallas Semiconductor DS2154 Datasheet HTML 38Page - Dallas Semiconductor DS2154 Datasheet HTML 39Page - Dallas Semiconductor DS2154 Datasheet HTML 40Page - Dallas Semiconductor DS2154 Datasheet HTML 41Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
DS2154
37 of 87
SR2: STATUS REGISTER 2 (Address=07 Hex)
(MSB)
(LSB)
RMF
RAF
TMF
SEC
TAF
LOTC
RCMF
TSLIP
SYMBOL
POSITION
NAME AND DESCRIPTION
RMF
SR2.7
Receive CAS Multiframe. Set every 2 ms (regardless if CAS
signaling is enabled or not) on receive multiframe boundaries.
Used to alert the host that signaling data is available.
RAF
SR2.6
Receive Align Frame. Set every 250
µs at the beginning of
align frames. Used to alert the host that Si and Sa bits are
available in the RAF and RNAF registers.
TMF
SR2.5
Transmit Multiframe. Set every 2 ms (regardless if CRC4 is
enabled) on transmit multiframe boundaries. Used to alert the
host that signaling data needs to be updated.
SEC
SR2.4
1-Second Timer. Set on increments of 1 second based on
RCLK. If CCR2.7=1, then this bit will be set every 62.5 ms
instead of once a second.
TAF
SR2.3
Transmit Align Frame. Set every 250
µs at the beginning of
align frames. Used to alert the host that the TAF and TNAF
registers need to be updated.
LOTC
SR2.2
Loss of Transmit Clock. Set when the TCLK pin has not
transitioned for one channel time (or 3.9
µs). Will force the
LOTC pin high if enabled via TCR2.0.
RCMF
SR2.1
Receive
CRC4
Multiframe.
Set
on
CRC4
multiframe
boundaries; will continue to be set every 2 ms on an arbitrary
boundary if CRC4 is disabled.
TSLIP
SR2.0
Transmit Elastic Store Slip. Set when the elastic store has
either repeated or deleted a frame of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com