Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2188 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2188
Description  T1/CEPT Jitter Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2188 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2188 Datasheet HTML 2Page - Dallas Semiconductor DS2188 Datasheet HTML 3Page - Dallas Semiconductor DS2188 Datasheet HTML 4Page - Dallas Semiconductor DS2188 Datasheet HTML 5Page - Dallas Semiconductor DS2188 Datasheet HTML 6Page - Dallas Semiconductor DS2188 Datasheet HTML 7Page - Dallas Semiconductor DS2188 Datasheet HTML 8Page - Dallas Semiconductor DS2188 Datasheet HTML 9Page - Dallas Semiconductor DS2188 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DS2188
6 of 11
CRYSTAL REQUIREMENTS
The DS2188 must have a crystal connected to the XTAL1 and XTAL2 pins. For T1 environments, the
frequency of this crystal should be 6.176 MHz. For CEPT environments, the frequency of this crystal
should be 8.192 MHz. Table 2 lists some suggested crystal manufacturers that are recommended for use
with the DS2188. Also, see DS2188 Application Note, “Operation at Speeds Greater than E1” for
additional information.
CRYSTAL MANUFACTURERS Table 2
MANUFACTURER
PART #
FREQUENCY
JAN Crystal
6323-00, JC6A14
6323-00, JC8A14
6.176 MHz
8.192 MHz
M-TRON
4575-002
4575-001
6.176 MHz
8.192 MHz
CRYSTAL SELECTION GUIDELINES FOR THE DS2188
PARAMETER
SPECIFICATION
Parallel resonant frequency
6.176 MHz (T1) or 8.192 MHz (CEPT)
Mode
Fundamental
Load capacitance
14 to 20 pF (16 pF preferred)
Tolerance
±50 ppm over 0 to 70°C
Pullability
CL = 10 pF, delta_f = +175 to +250 ppm
CL = 45 pF, delta_f = -175 to -250 ppm
Effective series resistance
40 ohms maximum for 6.176 MHz
30 ohms maximum for 8.192 MHz
Crystal cut
AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com