Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2188 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2188
Description  T1/CEPT Jitter Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2188 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2188 Datasheet HTML 1Page - Dallas Semiconductor DS2188 Datasheet HTML 2Page - Dallas Semiconductor DS2188 Datasheet HTML 3Page - Dallas Semiconductor DS2188 Datasheet HTML 4Page - Dallas Semiconductor DS2188 Datasheet HTML 5Page - Dallas Semiconductor DS2188 Datasheet HTML 6Page - Dallas Semiconductor DS2188 Datasheet HTML 7Page - Dallas Semiconductor DS2188 Datasheet HTML 8Page - Dallas Semiconductor DS2188 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DS2188
2 of 11
If the incoming jitter has excursions greater than 120 UIpp, then the crystal is adjusted to track the short-
term frequency variations of the incoming signal so that there is no loss of data. This adjustment is
accomplished by dividing the 4X crystal by either 3 ½ or 4 ½ instead of 4. When the incoming jitter is
greater than 120 UIpp, the BL pin will transition high. When the incoming jitter returns to less than 120
UIpp, the BL pin will return low.
The jitter attenuator in the DS2188 can be disabled by tying the DJA pin high. When the jitter attenuator
is disabled, the FIFO is bypassed and jitter received at RCLK, RPOS and RNEG is passed through the
DS2188 to RRCLK, RRPOS, and RRNEG. In this situation, the BL pin has no significance and XTAL
OUT will not be coherent with RRCLK.
How to use the DS2188 with Dallas Semiconductor’s other T1 and CEPT line interface parts is illustrated
in Figures 3 through 5. Figure 3 illustrates how to use the DS2188 in the receive path along with a
DS2187 Receive Line Interface. Figure 4 illustrates how to use the DS2188 in the transmit path with the
DS2186 Transmit Line Interface. Also, see DS2188 Application Note, “Operation at Speeds Greater than
E1” for additional information.
BUFFER DEPTH SELECT
The buffer size on the DS2188 can be configured to either 128 or 32 bits via the BDS pin. If BDS is tied
low, then the buffer depth will be 128 bits and hence can handle input jitter up to 120 UIpp without losing
its full attenuation capabilities as is described above in the Over-view. If BDS is tied high, then the
buffer depth is shortened to 32 bits. In this configuration, the DS2188 can handle input jitter up to 28
UIpp without losing its full jitter attenuation capabilities. The user may wish to limit the buffer size to 32
bits in applications where through-put delay is critical or into existing applications that al-ready have 32
bits of buffer space.
RESET
The buffer on the DS2188 is automatically centered on power-up. The user can recenter the 128-bit (or
32-bit) buffer on demand via the RST pin. The RST pin on the DS2188 is negative-edge triggered. When
this pin transitions from high-to-low, the buffer is recentered. The RST pin can be held either high or low
during operation of the DS2188; only a negative going signal will initiate a recentering. In most cases, a
reset of the DS2188 will corrupt data that is currently passing through the buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com