Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2188 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2188
Description  T1/CEPT Jitter Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2188 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2188 Datasheet HTML 3Page - Dallas Semiconductor DS2188 Datasheet HTML 4Page - Dallas Semiconductor DS2188 Datasheet HTML 5Page - Dallas Semiconductor DS2188 Datasheet HTML 6Page - Dallas Semiconductor DS2188 Datasheet HTML 7Page - Dallas Semiconductor DS2188 Datasheet HTML 8Page - Dallas Semiconductor DS2188 Datasheet HTML 9Page - Dallas Semiconductor DS2188 Datasheet HTML 10Page - Dallas Semiconductor DS2188 Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DS2188
7 of 11
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.1V to +7.0V
Operating Temperature
0° to 70°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Logic 1
VIH
2.0
VCC+0.3
V
1
Input Logic 0
VIL
-0.3
+0.8
V
1
Supply
VDD
4.50
5.50
V
NOTE:
1. Does not apply to XTAL1.
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output
COUT
10
pF
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
DD = 5.0V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
IDD
7
12
mA
1
Input Leakage
IL
-1.0
+1.0
µA
2, 3
Output Current (2.4V)
IOH
-1.0
mA
3
Output Current (0.4V)
IOL
+4.0
mA
3
NOTES:
1. RCLK = 1.544 MHz; VDD = 5.50; outputs open.
2. VSS < VIN < VDD: XTAL1 = XTAL2 = VDD.
3. Does not apply to XTAL1 or XTAL2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com