Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2188 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2188
Description  T1/CEPT Jitter Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2188 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2188 Datasheet HTML 1Page - Dallas Semiconductor DS2188 Datasheet HTML 2Page - Dallas Semiconductor DS2188 Datasheet HTML 3Page - Dallas Semiconductor DS2188 Datasheet HTML 4Page - Dallas Semiconductor DS2188 Datasheet HTML 5Page - Dallas Semiconductor DS2188 Datasheet HTML 6Page - Dallas Semiconductor DS2188 Datasheet HTML 7Page - Dallas Semiconductor DS2188 Datasheet HTML 8Page - Dallas Semiconductor DS2188 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DS2188
5 of 11
PIN DESCRIPTION Table 1
PIN
SYMBOL
TYPE
DESCRIPTION
1
DJA
I
Disable Jitter Attenuation. When high, jittered data and clock at
RPOS, RNEG, and RCLK are passed directly to RRPOS,
RRNEG, and RRCLK.
2
RPOS
I
Receive Positive Data Input. Jittered data input. Sampled on the
falling edge of RCLK.
3
RNEG
I
Receive Negative Data Input. Jittered data input. Sampled on
the falling edge of RCLK.
4
RCLK
I
Receive Clock Input. Jittered input 1.544 MHz or 2.048 MHz
clock.
5
BDS
I
Buffer Depth Select.
0 = 128 bits
1 = 32 bits
6
TEST
I
Test Input. In normal applications, this pin should be tied low.
When tied high, used to verify free running frequency of XTAL.
7
XTAL OUT
O
Crystal Frequency Output. Buffered output of the 4X crystal connected
to XTAL1 and XTAL2.
8
VSS
-
Ground. 0.0 volts.
9
10
XTAL1
XTAL2
I
O
Crystal Connections. In T1 environments, connect a 6.176 MHz
crystal to these pins. In CEPT environments, connect a 8.192 MHz
crystal to these pins.
11
BL
O
Buffer Limit. Transitions high when the buffer fills or empties to
within either 4 bits (BDS=0) or 2 bits (BDS=1) of its capacity. Indicates
that the jitter at RCLK is greater than 120 UIpp (BDS=0) or
28 UIpp (BDS=1).
12
RST
I
Reset. Negative-edge triggered; a high-low transition will recenter
the buffer. Activation of this pin may corrupt data through the
DS2188.
13
RRCLK
O
Receive Reference Clock. Dejittered 1.544 MHz or 2.048 MHz
clock.
14
RRNEG
O
Receive Reference Negative Data Output. Dejittered data output.
Updated on the rising edge of RRCLK.
15
RRPOS
O
Receive Reference Positive Data Output. Dejittered data output.
Updated on the rising edge of RRCLK.
16
VDD
-
Positive Supply. 5.0 volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com