Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2188 Datasheet (PDF) - Dallas Semiconductor

DS2188 Datasheet PDF - Dallas Semiconductor
Part # DS2188
Download  DS2188 Download
File Size   149.5 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description T1/CEPT Jitter Attenuator

DS2188 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2188 Datasheet PDF - Dallas Semiconductor

Part # DS2188
Download  DS2188 Click to download

File Size   149.5 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description T1/CEPT Jitter Attenuator

DS2188 Datasheet (HTML) - Dallas Semiconductor


DS2188 Product details

DESCRIPTION
The DS2188 T1/CEPT Jitter Attenuator Chip contains a 128 X 2-bit buffer which, in conjunction with an external 4X crystal, is used to attenuate the incoming jitter present in clock and data. The device meets all of the latest applicable specifications including those outlined in TR 62411 (Accunet* T1.5 Service Description and Interface Specifications, December 1990), TR-TSY-000170 (Digital Cross-Connect System Requirements and Objectives, November 1985), and the CCITT Recommendations G.735 and G.742. The DS2188 is compatible with the DS2180A T1/ISDN Primary Rate Transceiver and DS2181A CEPT Transceiver and is the companion to the DS2187 T1/CEPT Receive Line Interface and DS2186 T1/CEPT Transmit Line Interface. It can also be used in conjunction with the DS2190 T1 Network Interface Unit.

FEATURES
■ Attenuates clock and data jitter present in T1 or CEPT lines
■ Meets the jitter attenuation templates
   outlined in TR62411, TR-TSY-000170, G.735, and G.742
■ Only one external component required; either
   a 6.176 MHz (T1) or 8.192 MHz (CEPT) crystal
■ Selectable buffer size of 128 or 32 bits
■ Jitter attenuation is easily disabled
■ Single +5V supply; low-power CMOS technology
■ Available in 16-pin DIP and 16-pin SOIC (DS2188S)
■ Companion to the DS2186 Transmit Line
   and DS2187 Receive Line Interface




Similar Part No. - DS2188

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
DS218 SYNOLOGY-DS218 Datasheet
627Kb / 5P
DiskStation DS218
logo
Dallas Semiconductor
DS2180A DALLAS-DS2180A Datasheet
481Kb / 35P
T1 Transceiver
logo
Maxim Integrated Produc...
DS2180A MAXIM-DS2180A Datasheet
487Kb / 35P
T1 Transceiver
112099
logo
Dallas Semiconductor
DS2181A DALLAS-DS2181A Datasheet
376Kb / 32P
CEPT Primary Rate Transceiver
DS2182 DALLAS-DS2182 Datasheet
270Kb / 25P
T1 Line Monitor
More results


Similar Description - DS2188

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT66003 BOURNS-PT66003 Datasheet
127Kb / 1P
T1/CEPT Transformer
PT66007 BOURNS-PT66007 Datasheet
146Kb / 1P
T1/E1/CEPT Transformer
logo
Filtran LTD
TEW5301 FILTRAN-TEW5301 Datasheet
35Kb / 1P
CEPT/T1 Output Transformer
TEW5362 FILTRAN-TEW5362 Datasheet
25Kb / 1P
CEPT/T1 Output Transformer
TEW5434 FILTRAN-TEW5434 Datasheet
118Kb / 1P
CEPT/T1 Input Transformer
8150 FILTRAN-8150 Datasheet
268Kb / 2P
T1/CEPT Quad Port T1/E1
logo
Rhombus Industries Inc.
T-16700 RHOMBUS-IND-T-16700 Datasheet
43Kb / 1P
T1/CEPT Transformers
logo
Bothhand USA, LP.
S5871A BOTHHAND-S5871A Datasheet
92Kb / 1P
T1/CEPT TRANSFORMER
S5872 BOTHHAND-S5872 Datasheet
93Kb / 1P
T1/CEPT TRANSFORMER
logo
Renesas Technology Corp
ICS874003D-02 RENESAS-ICS874003D-02 Datasheet
574Kb / 16P
Jitter Attenuator
2019
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com