Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2188 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2188
Description  T1/CEPT Jitter Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2188 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2188 Datasheet HTML 1Page - Dallas Semiconductor DS2188 Datasheet HTML 2Page - Dallas Semiconductor DS2188 Datasheet HTML 3Page - Dallas Semiconductor DS2188 Datasheet HTML 4Page - Dallas Semiconductor DS2188 Datasheet HTML 5Page - Dallas Semiconductor DS2188 Datasheet HTML 6Page - Dallas Semiconductor DS2188 Datasheet HTML 7Page - Dallas Semiconductor DS2188 Datasheet HTML 8Page - Dallas Semiconductor DS2188 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
092299
FEATURES
§ Attenuates clock and data jitter present in T1
or CEPT lines
§ Meets the jitter attenuation templates
outlined
in
TR62411,
TR-TSY-000170,
G.735, and G.742
§ Only one external component required; either
a 6.176 MHz (T1) or 8.192 MHz (CEPT)
crystal
§ Selectable buffer size of 128 or 32 bits
§ Jitter attenuation is easily disabled
§ Single +5V supply; low-power CMOS
technology
§ Available in 16-pin DIP and 16-pin SOIC
(DS2188S)
§ Companion to the DS2186 Transmit Line
and DS2187 Receive Line Interface
PIN ASSIGNMENT
DESCRIPTION
The DS2188 T1/CEPT Jitter Attenuator Chip contains a 128 X 2-bit buffer which, in conjunction with an
external 4X crystal, is used to attenuate the incoming jitter present in clock and data. The device meets all
of the latest applicable specifications including those outlined in TR 62411 (Accunet* T1.5 Service
Description and Interface Specifications, December 1990), TR-TSY-000170 (Digital Cross-Connect
System Requirements and Objectives, November 1985), and the CCITT Recommendations G.735 and
G.742. The DS2188 is compatible with the DS2180A T1/ISDN Primary Rate Transceiver and DS2181A
CEPT Transceiver and is the companion to the DS2187 T1/CEPT Receive Line Interface and DS2186
T1/CEPT Transmit Line Interface. It can also be used in conjunction with the DS2190 T1 Network
Interface Unit.
OVERVIEW
The RCLK input is fed to a 128 x 2-bit FIFO where it drives the write pointer for the positive (RPOS) and
negative (RNEG) data. The read pointer of the FIFO and RRCLK is generated by dividing the frequency
of the crystal connected to XTAL1 and XTAL2 by four. The frequency of the crystal is adjusted by a
DPLL to the long-term average frequency of RCLK. As long as the jitter present at RCLK is less than
120 unit intervals peak-to-peak (UIpp), then the FIFO buffer will be able to absorb the incoming jitter and
it will be attenuated in accordance with TR 62411 (December 1990). In this situation, the BL (Buffer
Limit) pin will remain low. Figures 1 and 2 illustrate the DS2188 Jitter Attenuator performance.
DS2188
T1/CEPT Jitter Attenuator
www.dalsemi.com
DJA
1
16
VDD
RPOS
2
15
RRPOS
RNEG
3
14
RRNEG
RCLK
4
13
RRCLK
BDS
5
12
RST
TEST
6
11
BL
XTAL OUT
7
10
XTAL2
VSS
8
9
XTAL1
16-Pin DIP/SOIC


Similar Part No. - DS2188

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
DS218 SYNOLOGY-DS218 Datasheet
627Kb / 5P
DiskStation DS218
logo
Dallas Semiconductor
DS2180A DALLAS-DS2180A Datasheet
481Kb / 35P
T1 Transceiver
logo
Maxim Integrated Produc...
DS2180A MAXIM-DS2180A Datasheet
487Kb / 35P
T1 Transceiver
112099
logo
Dallas Semiconductor
DS2181A DALLAS-DS2181A Datasheet
376Kb / 32P
CEPT Primary Rate Transceiver
DS2182 DALLAS-DS2182 Datasheet
270Kb / 25P
T1 Line Monitor
More results

Similar Description - DS2188

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT66003 BOURNS-PT66003 Datasheet
127Kb / 1P
T1/CEPT Transformer
PT66007 BOURNS-PT66007 Datasheet
146Kb / 1P
T1/E1/CEPT Transformer
logo
Filtran LTD
TEW5301 FILTRAN-TEW5301 Datasheet
35Kb / 1P
CEPT/T1 Output Transformer
TEW5362 FILTRAN-TEW5362 Datasheet
25Kb / 1P
CEPT/T1 Output Transformer
TEW5434 FILTRAN-TEW5434 Datasheet
118Kb / 1P
CEPT/T1 Input Transformer
8150 FILTRAN-8150 Datasheet
268Kb / 2P
T1/CEPT Quad Port T1/E1
logo
Rhombus Industries Inc.
T-16700 RHOMBUS-IND-T-16700 Datasheet
43Kb / 1P
T1/CEPT Transformers
logo
Bothhand USA, LP.
S5871A BOTHHAND-S5871A Datasheet
92Kb / 1P
T1/CEPT TRANSFORMER
S5872 BOTHHAND-S5872 Datasheet
93Kb / 1P
T1/CEPT TRANSFORMER
logo
Renesas Technology Corp
ICS874003D-02 RENESAS-ICS874003D-02 Datasheet
574Kb / 16P
Jitter Attenuator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com