Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS75
Description  2.Wire Thermal Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS75 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS75 Datasheet HTML 3Page - Dallas Semiconductor DS75 Datasheet HTML 4Page - Dallas Semiconductor DS75 Datasheet HTML 5Page - Dallas Semiconductor DS75 Datasheet HTML 6Page - Dallas Semiconductor DS75 Datasheet HTML 7Page - Dallas Semiconductor DS75 Datasheet HTML 8Page - Dallas Semiconductor DS75 Datasheet HTML 9Page - Dallas Semiconductor DS75 Datasheet HTML 10Page - Dallas Semiconductor DS75 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS75
7 of 13
Thermometer Resolution Configuration
Table 5
R1
R0
Thermometer
Resolution
Max Conversion
Time
0
0
9–bit
0.15s
0
1
10–bit
0.3s
1
0
11–bit
0.6s
1
1
12–bit
1.2s
Thermostat Setpoints Programming
The thermostat registers (TOS and THYST ) can be programmed or read via the 2–wire interface. TOS is
accessed by setting the DS75 data pointer to the 03h location, and that for the THYST setting is 02h.
The format of the TOS and THYST registers is identical to that of the Thermometer register; that is, 12–bit
2’s complement representation of the temperature in
°C. The user can program the number of bits (9, 10,
11, or 12) for each TOS and THYST that correspond to the thermometer resolution mode chosen. If the 9–bit
mode is chosen, for example, the 3 least significant bits of TOS and THYST will be ignored by the
thermostat comparator. The format for both TOS and THYST is shown below in Table 6. The power–up
default of TOS is 80
°C and that for T
HYST is 75
°C.
Thermostat Setpoint (TOS/THYST) Format
Table 6
S2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSB
MSb
(UNIT =
°C)
LSb
2
–1
2
–2
2
–3
2
–4
00
00
LSB
TEMPERATURE/DATA RELATIONSHIPS
TEMP
DIGITAL OUTPUT
(Binary)
DIGITAL
OUTPUT
(Hex)
+80
°C
0101 0000 0000 0000
5000h
+75
°C
0100 1011 0000 0000
4B00h
+10.125
°C
0000 1010 0010 0000
0A20h
+0.5
°C
00000000 1000 0000
0080h
+0
°C
00000000 0000 0000
0000h
–0.5
°C
1111 1111 1000 0000
FF80h
–10.125
°C
1111 0101 1110 0000
E5E0h
–25.0625
°C
1110 0110 1111 0000
E6F0h
–55
°C
1100 1001 0000 0000
C900h
If the user does not wish to take advantage of the thermostat capabilities of the DS75, the 24 bits can be
used for general storage of system data that need not be maintained following a power loss. The O.S.
output should be left floating if this is done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com