Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS75
Description  2.Wire Thermal Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS75 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS75 Datasheet HTML 5Page - Dallas Semiconductor DS75 Datasheet HTML 6Page - Dallas Semiconductor DS75 Datasheet HTML 7Page - Dallas Semiconductor DS75 Datasheet HTML 8Page - Dallas Semiconductor DS75 Datasheet HTML 9Page - Dallas Semiconductor DS75 Datasheet HTML 10Page - Dallas Semiconductor DS75 Datasheet HTML 11Page - Dallas Semiconductor DS75 Datasheet HTML 12Page - Dallas Semiconductor DS75 Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DS75
11 of 13
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD, Relative to Ground
–0.3V to +7.0V
Voltage on any other pin, Relative to Ground
–0.3V to (V DD + 0.3V)
Operating Temperature
–55
°C to +125°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
The Dallas Semiconductor DS75 is built to the highest quality standards and manufactured for long term
reliability. All Dallas Semiconductor devices are made using the same quality materials and
manufacturing methods. However, the DS75 is not exposed to environmental stresses, such as burn–in,
that some industrial applications require. For specific reliability information on this product, please
contact the factory in Dallas at (972) 371–4448.
RECOMMENDED DC OPERATING CONDITIONS
(-55°C to +125°C; 2.7V
≤ V
DD
≤ 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
2.7
5.5
V
DC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; 2.7V
≤ V
DD
≤ 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Input Logic High
VIH
0.7VDD
VDD+0.5
V
1
Input Logic Low
VIL
-0.5
0.3VDD
V1
VOL1
3 mA sink
current
0
0.4
SDA Output Logic Low
Voltage
VOL2
6 mA sink
current
0
0.6
V1
O.S. Saturation Voltage
VOL
4 mA sink
current
0.8
V
1, 9
Input current each I/O pin
0.4 < VI/O<
0.9 VDD
-10
+10
µA
2
I/O Capacitance
CI/O
10
pF
Standby Current
IDD1
1
µA
3, 4
Active Temp.
Conversions
1000
Active Current
IDD
Communica-
tion only
100
µA
3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com