Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS75
Description  2.Wire Thermal Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS75 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS75 Datasheet HTML 5Page - Dallas Semiconductor DS75 Datasheet HTML 6Page - Dallas Semiconductor DS75 Datasheet HTML 7Page - Dallas Semiconductor DS75 Datasheet HTML 8Page - Dallas Semiconductor DS75 Datasheet HTML 9Page - Dallas Semiconductor DS75 Datasheet HTML 10Page - Dallas Semiconductor DS75 Datasheet HTML 11Page - Dallas Semiconductor DS75 Datasheet HTML 12Page - Dallas Semiconductor DS75 Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
DS75
12 of 13
ELECTRICAL CHARACTERISTICS:
DIGITAL THERMOMETER
(-55°C to +125°C; 2.7V
≤ V
DD
≤ 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Thermometer Error
TERR
-25 to +100
-55 to +125
± 2.0
± 3.0
°C
9
Resolution
9
12
bits
9-bit
conversions
125
150
10-bit
conversions
250
300
11-bit
conversions
500
600
Conversion Time
tCONVT
12-bit
conversions
1000
1200
ms
AC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; 2.7V
≤ V
DD
≤ 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
SCL clock frequency
fSCL
Fast Mode
Standard Mode
400
100
KHz
Bus free time between
a STOP and START condition
tBUF
Fast Mode
Standard Mode
1.3
4.7
µs
Hold time (repeated)
START condition
tHD:STA
Fast Mode
Standard Mode
0.6
4.0
µs
5
LOW period of SCL
tLOW
Fast Mode
Standard Mode
1.3
4.7
µs
HIGH period of SCL
tHIGH
Fast Mode
Standard Mode
0.6
4.0
µs
Set-up time for a
repeated START
tSU:STA
Fast Mode
Standard Mode
0.6
4.7
µs
Data hold time
tHD:DAT
Fast Mode
Standard Mode
0
0
0.9
µs
6
Data set-up time
tSU:DAT
Fast Mode
Standard Mode
100
250
ns
7
Rise time of both SDA
and SCL signals
tR
Fast Mode
Standard Mode
20 +
0.1CB
300
1000
ns
8
Fall time of both SDA
and SCL signals
tF
Fast Mode
Standard Mode
20 +
0.1CB
300
ns
8
Set-up time for a STOP
tSU:STO
Fast Mode
Standard Mode
0.6
4.0
µs
Capacitive load for
each bus line
Cb
400
pF
8
Input Capacitance
CI
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com