Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS75
Description  2.Wire Thermal Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS75 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS75 Datasheet HTML 5Page - Dallas Semiconductor DS75 Datasheet HTML 6Page - Dallas Semiconductor DS75 Datasheet HTML 7Page - Dallas Semiconductor DS75 Datasheet HTML 8Page - Dallas Semiconductor DS75 Datasheet HTML 9Page - Dallas Semiconductor DS75 Datasheet HTML 10Page - Dallas Semiconductor DS75 Datasheet HTML 11Page - Dallas Semiconductor DS75 Datasheet HTML 12Page - Dallas Semiconductor DS75 Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DS75
13 of 13
NOTES:
1. All voltages are referenced to ground.
2. I/O pins of fast mode devices must not obstruct the SDA and SCL lines if VDD is switched off.
3. IDD specified with O.S. pin open.
4. IDD specified with VDD at 5.0V and SDA, SCL = 5.0V, 0
°C to 70°C.
5. After this period, the first clock pulse is generated.
6. The maximum tHD:DAT has only to be met if the device does not stretch the LOW period (tLOW) of the
SCL signal.
7. A fast mode device can be used in a standard mode system, but the requirement tSU:DAT
≤ 250 ns must
then be met. This will automatically be the case if the device does not stretch the LOW period of the
SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next
data bit to the SDA line tRMAX +tSU:DAT = 1000+250 = 1250 ns before the SCL line is released.
8. Cb – total capacitance of one bus line in pF.
9.
Internal heating caused by O.S. loading will cause the DS75 to read approximately 0.5
°C higher if
O.S. is sinking the max rated current.
TIMING DIAGRAMS Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com