Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS75
Description  2.Wire Thermal Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS75 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS75 Datasheet HTML 1Page - Dallas Semiconductor DS75 Datasheet HTML 2Page - Dallas Semiconductor DS75 Datasheet HTML 3Page - Dallas Semiconductor DS75 Datasheet HTML 4Page - Dallas Semiconductor DS75 Datasheet HTML 5Page - Dallas Semiconductor DS75 Datasheet HTML 6Page - Dallas Semiconductor DS75 Datasheet HTML 7Page - Dallas Semiconductor DS75 Datasheet HTML 8Page - Dallas Semiconductor DS75 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS75
5 of 13
O.S. OUTPUT TRANSFER FUNCTION Figure 2
Regardless of the mode chosen, the O.S. output is open–drain and the active state is set in the configura-
tion register. The power–up default is active low. Refer to the “OPERATION–Programming” section for
instructions in adjusting the thermostat setpoints, thermostat mode, and O.S. active state.
OPERATION–Programming
There are three areas of interest in programming the DS75: Configuration register, TOS register, and the
THYST register. All programming is done via the 2–wire interface by setting the pointer to the appropriate
location. Table 3 illustrates the pointer settings for the four registers of the DS75.
Pointer Register Structure Table 3
POINTER
ACTIVE REGISTER
00h
Temperature (default)
01h
Configuration
02h
THYST
03h
TOS
The DS75 will power up with the temperature register selected. If the host wishes to change the data
pointer, it simply addresses the DS75 in the write mode (R/W=0), receives an acknowledge, and writes
the 8 bits that correspond to the new desired location. The last pointer location is always maintained so
that consecutive reads from the same register do not require the host to always provide a pointer address.
The only exception is at power–up, in which case the pointer will always be set to 00h, the temperature
register. The pointer address must always proceed data in writing to a register, regardless of which
address is currently selected. Please refer to the “2–Wire Serial Data Bus” section for details of the 2–
wire bus protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com