Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS75
Description  2.Wire Thermal Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS75 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS75 Datasheet HTML 1Page - Dallas Semiconductor DS75 Datasheet HTML 2Page - Dallas Semiconductor DS75 Datasheet HTML 3Page - Dallas Semiconductor DS75 Datasheet HTML 4Page - Dallas Semiconductor DS75 Datasheet HTML 5Page - Dallas Semiconductor DS75 Datasheet HTML 6Page - Dallas Semiconductor DS75 Datasheet HTML 7Page - Dallas Semiconductor DS75 Datasheet HTML 8Page - Dallas Semiconductor DS75 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 13
112299
FEATURES
=Temperature measurements require no
external components
Measures
temperatures
from
–55
°C to
+125
°C. Fahrenheit equivalent is –67°F to
+257
°F.
Thermometer accuracy is
±2.0°C.
Thermometer resolution is configurable from
nine (default) to 12 bits (0.5
°C to 0.0625°C
resolution)
9–bit
readout
mode
features
a
max
conversion time of 150 ms.
Thermostatic settings are user definable.
Data is read from/written via a 2–wire serial
interface. (open drain I/O lines). 3–bit
addressability
Wide power supply range (2.7V – 5.5V).
Applications include personal computers,
cellular telephones, office equipment, or any
thermally sensitive system.
Pin/software compatible to LM75CIM–x
Thermal Watchdog in 9–bit (default) mode.
8–pin 150 mil SOIC package.
PIN ASSIGNMENT
PIN DESCRIPTION
SDA
–
2–Wire Serial Data Input/Output
SCL
–
2–Wire Serial Clock
GND
–
Ground
O.S.
–
Thermostat Output Signal
A0
–
Chip Address Input
A1
–
Chip Address Input
A2
–
Chip Address Input
V DD
–
Power Supply Voltage
DESCRIPTION
The DS75 2–wire thermal watchdog provides 9–bit temperature readings which indicate the temperature
of the device. Thermostat settings and temperature readings are all communicated to/from the DS75 over
a simple 2–wire serial interface. No additional components are required; the device is truly a
“temperature–to–digital” converter.
The DS75 has three address bits that allow a user to multidrop up to eight sensors along the 2–wire bus,
greatly simplifying the bussing of distributed temperature sensing networks.
The open–drain thermal alarm output, O.S., becomes active when the temperature of the device exceeds a
user–defined temperature TOS. The number of consecutive faults required to set O.S. active is
configurable by the user. The device can also be configured in the interrupt or comparator mode, to
customize the method which clears the fault condition.
For applications that require greater temperature resolution, the user can adjust the readout resolution
from 9 to 12 bits. This is particularly useful in applications where thermal runaway conditions must be
detected quickly.
DS75
2–Wire Thermal Watchdog
www.dalsemi.com
6
3
1
2
4
8
7
5
SDA
O.S.
GND
VDD
A0
A1
A2
SCL
DS75S
8-PIN SOIC (150 MIL)


Similar Part No. - DS75

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS75 IXYS-DS75 Datasheet
75Kb / 2P
Rectifi er Diode Avalanche Diode
logo
Maxim Integrated Produc...
DS75 MAXIM-DS75 Datasheet
630Kb / 14P
Digital Thermometer and Thermostat
Rev 1; 2/08
logo
IXYS Corporation
DS75-08B IXYS-DS75-08B Datasheet
41Kb / 2P
Rectifier Diode Avalanche Diode
DS75-12B IXYS-DS75-12B Datasheet
41Kb / 2P
Rectifier Diode Avalanche Diode
DS75-12B IXYS-DS75-12B Datasheet
75Kb / 2P
Rectifi er Diode Avalanche Diode
More results

Similar Description - DS75

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
logo
Maxim Integrated Produc...
DS1371 MAXIM-DS1371 Datasheet
966Kb / 14P
2-Wire, 32-Bit Binary Counter Watchdog Clock
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_05 Datasheet
257Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
logo
Global Mixed-mode Techn...
G751 GMT-G751_15 Datasheet
63Kb / 1P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com