Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7022 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZLED7022
Description  Low-Voltage Six-Channel LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7022 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZLED7022 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ZLED7022
Low-Voltage Six-Channel LED Driver
Data Sheet
November 9, 2010
© 2010
Zentrum Mikroelektronik Dresden AG - Rev. 1.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
10 of 15
The current sinks [D5:D0] are controlled by the PCC serial data input on the EN/SET pin. Data is written to an internal data
register that sets the outputs to one of 14 current levels. The Vout pin provides a shared supply voltage for the LEDs. The
capacitor across the C+ and C- pins is the “pump capacitor” used by the charge pump.
2.3.
ZLED7022 Soft-Start Feature
The soft-start feature protects against excessive inrush currents during the start-up of the charge pump circuit. This prevents
potential transient noise effects that can affect initial performance, especially in battery-operated applications toward the end of
the battery life.
2.4.
ZLED7022 Low-Current Shutdown Mode
The ZLED7022 enters a low-current shutdown mode whenever its EN/SET input is held low longer than TOFF (500μs min-
imum). In the low-current shutdown mode, the ZLED7022 draws minimal current (ISHDN=1μA typical, 2μA maximum) and the
internal data register that controls output current is reset to 0, which disables the outputs.
2.5.
LED Current Control
The ZLED7022’s Pulse Count Control (PCC) serial digital interface is used to enable/disable the LED outputs and set the
constant current level to one of 14 settings using a nearly logarithmic scale (approximately 1.5dB difference between settings)
to provide a linear brightness progression as the current level increases/decreases. See Table 2.1 for the current level
settings.
Because [D5:D0] are independent constant current sinks, the voltage at the LED output being driven is determined by the
LED’s forward voltage (VF). This enables accurate LED brightness control and matching by the control system.
Table 2.1
Current Output Settings
Data Level
Current Output per Channel (mA)
1
20.0
2
17.0
3
14.0
4
12.0
5
10.0
6
8.6
7
7.0
8
6.0
9
5.0
10
4.2
11
3.6
12
3.0
13
2.4
14
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com