Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7022 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ZLED7022
Description  Low-Voltage Six-Channel LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7022 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ZLED7022 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ZLED7022
Low-Voltage Six-Channel LED Driver
Data Sheet
November 9, 2010
© 2010
Zentrum Mikroelektronik Dresden AG - Rev. 1.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
11 of 15
2.6.
PCC Serial Digital Interface
The ZLED7022 detects the rising edges of the control signal input on the EN/SET pin via an internal counter and decodes the
signal into one of the 14 current level settings given in Table 2.1. The control signal timing can vary (even during a program-
ming cycle), and its frequency can range from high data rates (e.g., 1MHz) to very low rates (e.g., 15kHz). (Also see section
2.4.) After sending the constant current level code data, the control system holds the EN/SET signal high for time TLAT (500μs
minimum) so that the ZLED7022 latches the programmed current level code into the data register and the current level
becomes active as illustrated in Figure 2.1. The internal counter is then reset to zero to be ready for the next programming
cycle. This process is repeated for the next data sent by the control system for subsequent current level programming. See
section 2.4 regarding the low-current shutdown mode, which is entered when the EN/SET signal remains low for longer than
TOFF (500μs minimum).
Figure 2.1
PCC Serial Digital Interface Signal Timing
EN/SET
TLO
THI
TLAT
TOFF
Data Reg
1
2
n
n= 14
1
n
0
IOUT
3
Operating Conditions
3.1.
RF Noise Reduction
The ZLED7022 charge pump operates at a fixed frequency of 1MHz (typical) to limit noise and harmonics and prevent genera-
tion of RF interference by the ZLED7022, which could affect operation of local communication devices, such as cell phones.
The soft-start feature also prevents noise transients caused by inrush currents due to charge pump start-up.
The ZLED7022 has significantly lower back-injected noise at the input pin of the charge pump (typically 60mV peak-to-peak),
compared to inductor-based DC/DC boost converter solutions for white LED backlight applications (typically 10 times higher).
3.2.
ZLED7022 Thermal Protection
The ZLED7022 includes an on-board temperature sensing circuit that shuts down the ZLED7022 and turns off its outputs if the
die junction temperature exceeds 160°C (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com