Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7022 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZLED7022
Description  Low-Voltage Six-Channel LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7022 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZLED7022 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ZLED7022
Low-Voltage Six-Channel LED Driver
Data Sheet
November 9, 2010
© 2010
Zentrum Mikroelektronik Dresden AG - Rev. 1.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
13 of 15
Select a pump capacitor value in the range of 0.47µF to 2.2µF depending on output current requirements; 1µF is recom-
mended for most applications. When designing the circuit to operate at high levels of output current, choose a higher value of
capacitance; low output currents do not require a large pump capacitor. As with Cin and Cout, low ESR ceramic capacitors are
recommended for the pump capacitor. See section 4.2.1 for a discussion of low ESR capacitors.
4.2.3.
LEDs
The ZLED7022’s low dropout current sinks are capable of driving most types of LEDs with forward voltages as high as 4.7V at
full current with a Vcc input supply of 2.8V to 5.5V. High-current LEDs can be driven by using any of the D5:D0 pins in parallel.
The brightness of the LEDs being driven will match despite any variations in the forward voltage (VF) of the individual LEDs
because the [D5:D0] output current sinks are matched with negligible voltage dependence (see section 1.3 for specifications).
4.3.
Unused LED Driver Pins
LED driver pin D0 must always be used. If any of the LED driver pins [D1:D5] are unused, disable the pin(s) by connecting
them to ground to avoid noise coupling.
5
ESD Protection
From each I/O or VCC pin to GND, there is an ESD protection of
±3000V. Between the I/O pins, there is an ESD protection of
±1000V according the Human Body Model (HBM). The ESD test follows the Human Body Model with 1.5 kΩ/100 pF based
on MIL 883-G, Method 3015.7.
6
Pin Configuration and Package
Figure 6.1
Pin Configuration ZLED7022 – Top View
1
2
3
7
8
9
GND
D5
D4
VCC
VOUT
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com