Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7022 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ZLED7022
Description  Low-Voltage Six-Channel LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7022 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ZLED7022 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ZLED7022
Low-Voltage Six-Channel LED Driver
Data Sheet
November 9, 2010
© 2010
Zentrum Mikroelektronik Dresden AG - Rev. 1.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
14 of 15
Table 6.1
Layout Requirements and Pin Descriptions - 12-pin UTQFN Package
Pin
Name
No.
Description
D0
1
LED output channel; pin must be used.
Vout
2
Charge pump output that drives load circuits; a 2.2μF (typical) capacitor must be connected from Vout to
GND pin.
Vcc
3
Power supply input; a 2.2μF (minimum) bypass capacitor must be connected from Vcc to GND pin.
C+
4
Positive terminal of external pump capacitor.
C-
5
Negative terminal of external pump capacitor.
EN/SET
6
PCC serial input for enabling/disabling LEDs and setting current levels.
GND
7
Ground.
D5
8
LED output; if not used, connect to ground to avoid noise coupling.
D4
9
LED output; if not used, connect to ground to avoid noise coupling.
D3
10
LED output; if not used, connect to ground to avoid noise coupling.
D2
11
LED output; if not used, connect to ground to avoid noise coupling.
D1
12
LED output; if not used, connect to ground to avoid noise coupling.
Figure 6.2
UTQFN-12 Package Drawing
A1
A
A2
Side View
Pin 1
D
b
e
E
Bottom View
Table 6.2
UTQFN-12 Package Dimensions
Dimension
(mm)
Dimension (mm)
Symbol
Min
Nom
Max
Symbol
Min
Nom
Max
A
0.50
0.55
0.60
D
1.95
2.00
2.05
A1
0.00
--
0.05
E
1.95
2.00
2.05
A2
0.25
e
0.50
b
0.20
0.25
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com