Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7022 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZLED7022
Description  Low-Voltage Six-Channel LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7022 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZLED7022 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ZLED7022
Low-Voltage Six-Channel LED Driver
© 2010
Zentrum Mikroelektronik Dresden AG - Rev. 1.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is subject to changes without notice.
Brief Description
The ZLED7022, one of our ZLED family of LED control
ICs, is a low-noise, constant-frequency charge pump
DC/DC converter that can drive up to six LED channels,
providing a programmable constant current level ranging
from 1.8mA to 20mA per LED channel. It can also drive
higher current LEDs because its current sinks can
operate in parallel. It enables white or other color LED
applications that require uniform intensity and/or linear
progressions in brightness. Capable of operating effi-
ciently with DC voltage supplies ranging from 2.8V to
5.5V, it is ideal for small, battery-powered applications
because very few external components are needed:
typically one small-dimension 1μF capacitor across the
C+ and C- pins and two small-dimension 2.2μF capaci-
tors to GND from the VCC and Vout pins.
The ZLED7022’s Pulse Count Control (PCC) serial digi-
tal input is used to enable/disable the LEDs and set the
current level (14 settings using a nearly logarithmic
scale to provide a linear brightness progression). This
simple, high-speed interface allows efficient real-time
management of LEDs via microcontrollers or control
systems.
The ZLED7022’s features include integrated soft-start
circuitry to protect against excessive in-rush current dur-
ing power-on and a low-current shutdown mode that
reduces quiescent current consumption to approximately
1μA (typical) by disconnecting the load from the input
when the EN/SET pin is low for a specified time.
Features
 Low quiescent current in low-current shutdown
mode: 1μA typical; <2μA maximum
 Integrated thermal shutdown protection prevents
damage by shutting down the ZLED7022 if the die
junction temperature exceeds 160°C (typical)
 Fixed charge pump switching frequency: 1MHz (typ.)
 Soft-start feature protects against excessive
inrush current during power-on
Benefits
 Current matching accuracy: ±0.9% (typical)
 One-pin on/off or brightness control for up to six
LEDs via a simple PCC serial interface—no pulse-
width modulation or additional control circuit needed
 14 programmable current levels for achieving real-
time control of effects such as LED fade-out or
sudden changes in brightness
 Low EMI and back-injected noise because the
charge pump is not inductor-based
 Very few external components needed for operation
 Flexible design enables diverse LED applications: up
to 20mA per channel
 LED driver family concept with low-voltage
four-channel LED driver ZLED7012
Available Support
 Evaluation Kit
Physical Characteristics
 Voltage supply: 2.8V to 5.5V DC
 Operating temperature: -40°C to 85°C
 Small footprint 12-pin UTQFN package (2mm×2mm)
ZLED7022 Application Circuit
Cin
Cout
.
12
n<=14
1μF
VCC
EN/SET
GND
C+
C-
Vout
D0
D1
D2
D3
D4
D5
2.8V to 5.5V
2.2μF
2.2μF
ZLED7022
Cpump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com