Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7022 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZLED7022
Description  Low-Voltage Six-Channel LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7022 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ZLED7022 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7022 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ZLED7022
Low-Voltage Six-Channel LED Driver
Data Sheet
November 9, 2010
© 2010
Zentrum Mikroelektronik Dresden AG - Rev. 1.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
7 of 15
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
EN/SET Input (PCC Serial Digital Interface)
1.3.6
Enable threshold low
VEN_L
VCC = 2.8V
0.4
V
1.3.7
Enable threshold high
VEN_H
VCC = 5.5V
1.4
V
1.3.8
EN/SET low time
TEN/SET_LO
0.3
75
μs
1.3.9
Minimum EN/SET high time TEN/SET_HI_MIN
50
ns
1.3.10
Maximum EN/SET high time TEN/SET_HI_MAX
75
μs
1.3.11
EN/SET off timeout *
TOFF
500
μs
1.3.12
EN/SET latch timeout *
TLAT
500
μs
1.3.13
Internal EN/SET pull-down
resistor
REN/SET_DOWN
500
kΩ
1.4.
Typical Performance Graphs
Figure 1.1
Operating Current ICC over Supply Voltage VCC Range (2.8V to 5.5V) at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com