Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4306 Datasheet(PDF) 7 Page - SIPAT Co,Ltd

Part # SP4306
Description  50 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4306 Datasheet(HTML) 7 Page - SIPAT Co,Ltd

Back Button SP4306 Datasheet HTML 2Page - SIPAT Co,Ltd SP4306 Datasheet HTML 3Page - SIPAT Co,Ltd SP4306 Datasheet HTML 4Page - SIPAT Co,Ltd SP4306 Datasheet HTML 5Page - SIPAT Co,Ltd SP4306 Datasheet HTML 6Page - SIPAT Co,Ltd SP4306 Datasheet HTML 7Page - SIPAT Co,Ltd SP4306 Datasheet HTML 8Page - SIPAT Co,Ltd SP4306 Datasheet HTML 9Page - SIPAT Co,Ltd SP4306 Datasheet HTML 10Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Product Specification
SP4306
Page 7 of 10
Evaluation Kit
The Digital Attenuator Evaluation Kit board was
designed to ease customer evaluation of the
SP4306 DSA.
J9 is used in conjunction with the supplied DC
cable to supply VDD, GND, and –VDD. If use of
the internal negative voltage generator is desired,
then connect –VDD (black banana plug) to
ground. If an external –VDD is desired, then apply
-3V.
J1 should be connected to the LPT1 port of a PC
with the supplied control cable. The evaluation
software is written to operate the DSA in serial
mode, so switch 7 (P/S) on the DIP switch SW1
should be ON with all other switches off. Using the
software, enable or disable each attenuation
setting to the desired combined attenuation. The
software automatically programs the DSA each
time an attenuation state is enabled or disabled.
To evaluate the power up options, first disconnect
the control cable from the evaluation board. The
control cable must be removed to prevent the PC
port from biasing the control pins.
During power up with P/S=1 high and LE=0 or P/
S=0 low and LE=1, the default power-up signal
attenuation is set to the value present on the five
control bits on the five parallel data inputs (C1 to
C16). This allows any one of the 32 attenuation
settings to be specified as the power-up state.
During power up with P/S=0 high and LE=0, the
control bits are automatically set to one of four
possible values presented through the PUP
interface. These four values are selected by the
two power-up control bits, PUP1 and PUP2, as
shown in the Table 6.
Pin 20 is open and can be connected to any bias.
Resistor on Pin 1 & 3
A 10 k
Ω resistor on the inputs to pins 1 & 3
(Figure 16) will eliminate package resonance
between the RF input pin and the two digital
inputs. Specified attenuation error versus
frequency performance is dependent upon this
condition.
Figure 15. Evaluation Board Layout
Figure 16. Evaluation Board Schematic
Note: Resistors on pins 1 and 3 are required and should be placed as
close to the part as possible to avoid package resonance and
meet error specifications over frequency.
10 kohm
Z=50 Ohm
PS
J5
SMA
1
10kohm
J4
SMA
1
DATA
C2
C1
CLK
VCC
C16
LE
Z=50 Ohm
U1
QFN4X4
1
2
3
4
5
11
12
13
14
15
C16
RFin
DATA
CLK
LE
GND
VNEG
PS
RFout
C8
C8
100 pF
C4
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com