Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4306 Datasheet(PDF) 5 Page - SIPAT Co,Ltd

Part # SP4306
Description  50 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4306 Datasheet(HTML) 5 Page - SIPAT Co,Ltd

  SP4306 Datasheet HTML 1Page - SIPAT Co,Ltd SP4306 Datasheet HTML 2Page - SIPAT Co,Ltd SP4306 Datasheet HTML 3Page - SIPAT Co,Ltd SP4306 Datasheet HTML 4Page - SIPAT Co,Ltd SP4306 Datasheet HTML 5Page - SIPAT Co,Ltd SP4306 Datasheet HTML 6Page - SIPAT Co,Ltd SP4306 Datasheet HTML 7Page - SIPAT Co,Ltd SP4306 Datasheet HTML 8Page - SIPAT Co,Ltd SP4306 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Product Specification
SP4306
Page 5 of 11
Table 2. Pin Descriptions
Electrostatic Discharge (ESD) Precautions
When handling this CMOS device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
rate specified in Table 3.
Exposed Solder Pad Connection
The exposed solder pad on the bottom of the package
must be grounded for proper device operation.
Notes: 1: Both RF ports must be held at 0 VDC or DC blocked with an
external series capacitor.
2: Latch Enable (LE) has an internal 100 k
Ωresistor to V
DD.
3: Connect pin 12 to GND to enable internal negative voltage
generator. Connect pin 12 to VSS (-VDD) to bypass and
disable internal negative voltage generator.
4. Place a 10 k
Ωresistor in series, as close to pin as possible
to avoid frequency resonance. See “Resistor on Pin 1 & 3”
paragraph
Figure 14. Pin Configuration (Top View)
Latch-Up Avoidance
Unlike conventional CMOS devices, CMOS de-
vices are immune to latch-up.
Switching Frequency
The SP4306 has a maximum 25 kHz switching rate.
Resistor on Pin 1 & 3
A 10 k
Ω resistor on the inputs to Pin 1 & 3 (see Figure
16) will eliminate package resonance between the RF
input pin and the two digital inputs. Specified
attenuation error versus frequency performance is
dependent upon this condition.
1
15
14
13
12
11
2
3
4
5
C16
RF1
Data
Clock
LE
GND
Vss/GND
P/S
RF2
C8
20-lead
QFN
4x4 mm
Exposed Solder Pad
Pin
No.
Pin
Name
Description
1
C16
Attenuation control bit, 16 dB (Note 4).
2
RF1
RF port (Note 1).
3
Data
Serial interface data input (Note 4).
4
Clock
Serial interface clock input.
5
LE
Latch Enable input (Note 2).
6
VDD
Power supply pin.
7
PUP1
Power-up selection bit.
8
PUP2
Power-up selection bit.
9
VDD
Power supply pin.
10
GND
Ground connection.
11
GND
Ground connection.
12
Vss/GND
Negative supply voltage or GND connection
(Note 3)
13
P/S
Parallel/Serial mode select.
14
RF2
RF port (Note 1).
15
C8
Attenuation control bit, 8 dB.
16
C4
Attenuation control bit, 4 dB.
17
C2
Attenuation control bit, 2 dB.
18
GND
Ground connection.
19
C1
Attenuation control bit, 1 dB.
20
N/C
No connect. Can be connected to any bias.
Paddle
GND
Ground for proper operation
Table 3. Absolute Maximum Ratings
Table 4. Operating Ranges
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any DC input
-0.3
VDD+
0.3
V
TST
Storage temperature range
-65
150
°C
P
IN
Input power (50
Ω)
+30
dBm
VESD
ESD voltage (Human Body
Model)
500
V
Parameter
Min
Typ
Max
Units
VDD Power Supply
Voltage
2.7
3.0
3.3
V
IDD Power Supply
Current
100
µA
Digital Input High
0.7xVDD
V
Digital Input Low
0.3xVDD
V
Digital Input Leakage
1
µA
Input Power
+24
dBm
Temperature range
-40
85
°C
Exceeding absolute maximum ratings may cause per-
manent damage. Operation should be restricted to the
limits in the Operating Ranges table. Operation be-
tween operating range maximum and absolute maxi-
mum for extended periods may reduce reliability.
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com