Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4306 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP4306
Description  50 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4306 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP4306 Datasheet HTML 1Page - SIPAT Co,Ltd SP4306 Datasheet HTML 2Page - SIPAT Co,Ltd SP4306 Datasheet HTML 3Page - SIPAT Co,Ltd SP4306 Datasheet HTML 4Page - SIPAT Co,Ltd SP4306 Datasheet HTML 5Page - SIPAT Co,Ltd SP4306 Datasheet HTML 6Page - SIPAT Co,Ltd SP4306 Datasheet HTML 7Page - SIPAT Co,Ltd SP4306 Datasheet HTML 8Page - SIPAT Co,Ltd SP4306 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product Specification
SP4306
Page 3 of 10
Figure 8. Attenuation Error Vs. Attenuation
Setting at 10 MHz and 510 MHz
Figure 10. Attenuation Error Vs. Attenuation
Setting at
1510 MHz and 2010 MHz
Figure 9. Attenuation Error Vs. Attenuation
Setting 1010 MHz and 1210 MHz
Figure 7. Attenuation Error Vs. Frequency
-10
-8
-6
-4
-2
0
2
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
31 dB
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
25
30
35
10 MHz @ 25 C
510 MHz @ 25 C
10 MHz @ -40 C
510 MHz @ -40 C
10 MHz @ 85 C
510 MHz @ 85 C
Attenuation State (dB)
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
25
30
35
1210 MHZ @ 25 C
1210 MHz @ -40 C
1210 MHz @ 85 C
1010 MHz @ 25 C
1010 MHz @ -40 C
1010 MHz @ 85 C
Attenuation State (dB)
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
25
30
35
1510 MHz @ 25 C
2010 MHz @ 25 C
1510 MHz @ -40 C
2010 MHz @ -40 C
1510 MHz @ 85 C
2010 MHz @ 85 C
Attenuation State (dB)
Note: Positive attenuation error indicates higher attenuation than target value
Typical Performance Data @ 25°C, VDD = 3.0 V unless otherwise noted
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com