Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4306 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP4306
Description  50 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4306 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP4306 Datasheet HTML 1Page - SIPAT Co,Ltd SP4306 Datasheet HTML 2Page - SIPAT Co,Ltd SP4306 Datasheet HTML 3Page - SIPAT Co,Ltd SP4306 Datasheet HTML 4Page - SIPAT Co,Ltd SP4306 Datasheet HTML 5Page - SIPAT Co,Ltd SP4306 Datasheet HTML 6Page - SIPAT Co,Ltd SP4306 Datasheet HTML 7Page - SIPAT Co,Ltd SP4306 Datasheet HTML 8Page - SIPAT Co,Ltd SP4306 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1 of 10
The PE4306 is a high linearity, 5-bit RF Digital Step Attenuator
(DSA) covering a 31 dB attenuation range in 1dB steps, and is
pin compatible with the SP430x series. This 50-ohm RF DSA
provides both parallel (latched or direct mode) and serial
CMOS control interface, operates on a single 3-volt supply and
maintains high attenuation accuracy over frequency and
temperature. It also has a unique control interface that allows
the user to select an initial attenuation state at power-up. The
SP4306 exhibits very low insertion loss and low power
consumption. This functionality is delivered in a 4x4 mm QFN
footprint.
The SP4306 is manufactured on SIPAT’s CMOS
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
50
Ω RF Digital Attenuator
5-bit, 31 dB, DC – 4.0 GHz
Product Description
Figure 1. Functional Schematic Diagram
SP4306
Features
• Attenuation: 1 dB steps to 31 dB
• Flexible parallel and serial programming
interfaces
• Latched or direct mode
• Unique power-up state selection
• Positive CMOS control logic
• High attenuation accuracy and linearity
over temperature and frequency
• Very low power consumption
• Single-supply operation
• 50 Ω impedance
• Pin compatible with SP430x series
• Packaged in a 20 Lead 4x4 mm QFN
Table 1. Electrical Specifications @ +25°C, VDD = 3.0 V
Notes: 1. Device Linearity will begin to degrade below 1 MHz
2. See Max input rating in Table 3 & Figures on Pages 2 to 4 for data across frequency.
3. Note Absolute Maximum in Table 3.
Control Logic Interface
Parallel Control
Power-Up Control
Serial Control
RF Input
RF Output
Switched Attenuator Array
5
3
2
Parameter
Test Conditions
Frequency
Minimum
Typical
Maximum
Units
Operation Frequency
DC
4000
MHz
Insertion Loss2
DC - 2.2 GHz
-
1.5
2.25
dB
Attenuation Accuracy
Any Bit or Bit
Combination
DC
≤ 1.0 GHz
1.0 < 2.2 GHz
-
-
±(0.3 + 3% of atten setting)
±(0.3 + 5% of atten setting)
dB
dB
1 dB Compression3
1 MHz - 2.2 GHz
30
34
-
dBm
Input IP31, 2
Two-tone inputs
+18 dBm
1 MHz - 2.2 GHz
-
52
-
dBm
Return Loss
DC - 2.2 GHz
15
20
-
dB
Switching Speed
50% control to 0.5 dB
of final value
-
-
1
µs
Figure 2. Package Type
4x4 mm 20-Lead QFN
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


Similar Part No. - SP4306

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4302 SIPAT-SP4302 Datasheet
867Kb / 10P
50 廓 RF Digital Attenuator
SP4304 SIPAT-SP4304 Datasheet
928Kb / 10P
75 廓 RF Digital Attenuator
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
75 廓 RF Digital Attenuator
SP4308 SIPAT-SP4308 Datasheet
889Kb / 10P
75 廓 RF Digital Attenuator
SP4309 SIPAT-SP4309 Datasheet
675Kb / 8P
50 廓 RF Digital Attenuator
More results

Similar Description - SP4306

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4302 SIPAT-SP4302 Datasheet
867Kb / 10P
50 廓 RF Digital Attenuator
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43204 PSEMI-PE43204_14 Datasheet
854Kb / 8P
50 廓 RF Digital Attenuator
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
50 廓 RF Digital Attenuator
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
50 廓 RF Digital Attenuator
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
50 廓 RF Digital Attenuator
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com