Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4306 Datasheet(PDF) 8 Page - SIPAT Co,Ltd

Part # SP4306
Description  50 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4306 Datasheet(HTML) 8 Page - SIPAT Co,Ltd

Back Button SP4306 Datasheet HTML 2Page - SIPAT Co,Ltd SP4306 Datasheet HTML 3Page - SIPAT Co,Ltd SP4306 Datasheet HTML 4Page - SIPAT Co,Ltd SP4306 Datasheet HTML 5Page - SIPAT Co,Ltd SP4306 Datasheet HTML 6Page - SIPAT Co,Ltd SP4306 Datasheet HTML 7Page - SIPAT Co,Ltd SP4306 Datasheet HTML 8Page - SIPAT Co,Ltd SP4306 Datasheet HTML 9Page - SIPAT Co,Ltd SP4306 Datasheet HTML 10Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Product Specification
SP4306
Page 8 of 10
B5
B4
B3
B2
B1
B0
C16
C8C4C2
C1
0
↑↑
LSB (last in)
MSB (first in)
Table 7. 5-Bit Attenuator Serial Programming
Register Map
Table 9. Parallel Interface AC Characteristics
Figure 18. Parallel Interface Timing Diagram
Table 8. Serial Interface AC Characteristics
Figure 17. Serial Interface Timing Diagram
VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
Note: The stop bit (B0) must always be low to prevent the attenuator
from entering an unknown state.
Note: fClk is verified during the functional pattern test. Serial
programming sections of the functional pattern are clocked at
10 MHz to verify fclk specification.
LE
Clock
Data
MSB
LSB
t
LESUP
t
SDSUP
t
SDHLD
t
LEPW
t
PDSUP
t
PDHLD
LE
t
LEPW
Parallel Data
C16:C1
Symbol
Parameter
Min
Max
Unit
fClk
Serial data clock
frequency (Note 1)
10
MHz
tClkH
Serial clock HIGH time
30
ns
tClkL
Serial clock LOW time
30
ns
tLESUP
LE set-up time after last
clock falling edge
10
ns
tLEPW
LE minimum pulse width
30
ns
tSDSUP
Serial data set-up time
before clock rising edge
10
ns
tSDHLD
Serial data hold time
after clock falling edge
10
ns
Symbol
Parameter
Min
Max
Unit
tLEPW
LE minimum pulse width
10
ns
tPDSUP
Data set-up time before
rising edge of LE
10
ns
tPDHLD
Data hold time after
falling edge of LE
10
ns
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com