Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP43701 Datasheet(PDF) 7 Page - SIPAT Co,Ltd

Part # SP43701
Description  50 廓 RF Digital Attenuator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43701 Datasheet(HTML) 7 Page - SIPAT Co,Ltd

Back Button SP43701 Datasheet HTML 3Page - SIPAT Co,Ltd SP43701 Datasheet HTML 4Page - SIPAT Co,Ltd SP43701 Datasheet HTML 5Page - SIPAT Co,Ltd SP43701 Datasheet HTML 6Page - SIPAT Co,Ltd SP43701 Datasheet HTML 7Page - SIPAT Co,Ltd SP43701 Datasheet HTML 8Page - SIPAT Co,Ltd SP43701 Datasheet HTML 9Page - SIPAT Co,Ltd SP43701 Datasheet HTML 10Page - SIPAT Co,Ltd SP43701 Datasheet HTML 11Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Product Specification
SP43701
Page 7 of 12
Table 6. Latch and Clock Specifications
Table 5. Control Voltage
State
Bias Condition
Low
0 to +1.0 Vdc at 2
µA (typ)
High
+2.6 to +5 Vdc at 10
µA (typ)
Table 7. Parallel Truth Table
Table 10. Serial-Addressable Register Map
Q15
Q14
Q13
Q12
Q11
Q10
A7
A6
A5
A4
A3
A2
Q9
Q8
Q7
Q6
Q5
Q4
A1
A0
D7
D6
D5
D4
Q3
Q2
Q1
Q0
D3
D2
D1
D0
Address Word
Attenuation Word
LSB (first in)
MSB (last in)
Bits can either be set to logic high or logic low
Attenuation Word is derived directly from the attenuation value. For example, to program the 18.25 dB state
at address 3:
Address word: XXXXX011
Attenuation Word: Multiply by 4 and convert to binary
→ 4 * 18.25 dB → 73 → X1001001
Serial Input: XXXXX011X1001001
Latch Enable
Function
0
Shift Register Clocked
Contents of shift register
transferred to attenuator core
Shift Clock
X
Parallel Control Setting
Attenuation
Setting
RF1-RF2
D6
D5
D4
D3
D2
D1
D0
L
L
L
L
L
L
L
Reference I.L.
L
L
L
L
L
L
H
0.25 dB
L
L
L
L
L
H
L
0.5 dB
L
L
L
L
H
L
L
1 dB
L
L
L
H
L
L
L
2 dB
L
L
H
L
L
L
L
4 dB
L
H
L
L
L
L
L
8 dB
H
L
L
L
L
L
L
16 dB
H
H
H
H
H
H
H
31.75 dB
Address Word
Address
Setting
A7
(MSB)
A6
A5
A4
A3
A2
A1
A0
X
X
X
X
X
L
L
L
000
X
X
X
X
X
L
L
H
001
X
X
X
X
X
L
H
L
010
X
X
X
X
X
L
H
H
011
X
X
X
X
X
H
L
L
100
X
X
X
X
X
H
L
H
101
X
X
X
X
X
H
H
L
110
X
X
X
X
X
H
H
H
111
Table 8. Address Word Truth Table
Attenuation Word
D7
D6
D5
D4
D3
D2
D1
D0
(LSB)
X
L
L
L
L
L
L
L
Reference I.L.
X
L
L
L
L
L
L
H
0.25 dB
X
L
L
L
L
H
L
L
1 dB
X
L
L
L
H
L
L
L
2 dB
X
L
L
H
L
L
L
L
4 dB
X
L
H
L
L
L
L
L
8 dB
X
H
L
L
L
L
L
L
16 dB
X
H
H
H
H
H
H
H
31.75 dB
Attenuation
Setting
RF1-RF2
X
L
L
L
L
L
H
L
0.5 dB
Table 9. Attenuation Word Truth Table
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com