Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP43701 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP43701
Description  50 廓 RF Digital Attenuator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43701 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP43701 Datasheet HTML 1Page - SIPAT Co,Ltd SP43701 Datasheet HTML 2Page - SIPAT Co,Ltd SP43701 Datasheet HTML 3Page - SIPAT Co,Ltd SP43701 Datasheet HTML 4Page - SIPAT Co,Ltd SP43701 Datasheet HTML 5Page - SIPAT Co,Ltd SP43701 Datasheet HTML 6Page - SIPAT Co,Ltd SP43701 Datasheet HTML 7Page - SIPAT Co,Ltd SP43701 Datasheet HTML 8Page - SIPAT Co,Ltd SP43701 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Product Specification
SP43701
Page 2 of 12
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
0.01.0
2.03.0
4.0
Frequency (GHz)
0.25dB State
0.5 dB State
1dB State
2dB State
4dB State
8dB State
16dB State
31.75dB State
Table 1. Electrical Specifications @ +25°C, VDD = 3.3 V or 5.0 V
Figure 5. 0.25 dB Major State Bit Error
Figure 3. 0.25 dB Step Error vs. Frequency*
Performance Plots
900 MHz
1800 MHz
2200 MHz
3800 MHz
5
10
152025
30
035
5
10
15
20
25
30
0
35
Attenuation State
0.25-dB PE43701 Attenuation
Figure 4. 0.25dB Attenuation vs. Attenuation
Parameter
Test Conditions
Frequency
Min
Typical
Max
Units
Frequency Range
DC – 4
GHz
Attenuation Range
0.25 dB Step
0 – 31.75
dB
Insertion Loss
DC
≤ 4 GHz
1.9
2.4
dB
Attenuation Error
0 dB - 7.75 dB Attenuation settings
8 dB - 31.75 dB Attenuation settings
0 dB - 31.75 dB Attenuation settings
DC < 3 GHz
DC < 3 GHz
3 GHz
≤ 4 GHz
±(0.2+1.5%)
±(0.15+4%)
±(0.25+4.5%)
dB
dB
dB
Return Loss
DC - 4 GHz
18
dB
Relative Phase
All States
DC - 4 GHz
44
deg
P1dB
Input
20 MHz - 4 GHz
30
32
dBm
IIP3
Two tones at +18 dBm, 20 MHz spacing
20 MHz - 4 GHz
59
dBm
Typical Spurious Value
1MHz
-110
dBm
Video Feed Through
10
mVpp
Switching Time
50% DC CTRL to 10% / 90% RF
650
ns
RF Trise/Tfall
10% / 90% RF
400
ns
Settling Time
RF settled to within 0.05 dB of final value
RBW = 5 MHz, Averaging ON.
4
25
µs
*Monotonicity is held so long as Step-Error does not cross zero
Figure 6. 0.25 dB Attenuation Error vs. Frequency
0.000
0.100
0.200
0.300
0.400
0.500
0.0
4.0
8.0
12.0
16.0
20.0
24.0
28.0
32.0
Attenuation Setting (dB.)
200 MHz
900 MHz
1800 MHz
2200 MHz
3000 MHz
-1.500
-1.000
-0.500
0.000
0.500
1.000
1.500
0.0
4.0
8.0
12.0
16.0
20.0
24.0
28.0
32.0
Attenuation Setting (dB.)
200 MHz
900 MHz
1800 MHz
2200 MHZ
3000 MHz
4000 MHz
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com