Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP43701 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP43701
Description  50 廓 RF Digital Attenuator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43701 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP43701 Datasheet HTML 1Page - SIPAT Co,Ltd SP43701 Datasheet HTML 2Page - SIPAT Co,Ltd SP43701 Datasheet HTML 3Page - SIPAT Co,Ltd SP43701 Datasheet HTML 4Page - SIPAT Co,Ltd SP43701 Datasheet HTML 5Page - SIPAT Co,Ltd SP43701 Datasheet HTML 6Page - SIPAT Co,Ltd SP43701 Datasheet HTML 7Page - SIPAT Co,Ltd SP43701 Datasheet HTML 8Page - SIPAT Co,Ltd SP43701 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Product Specification
SP43701
Page 3 of 12
0
20
40
60
80
100
120
01
23
45
6
7
8
Frequency (GHz.)
0dB
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB
-40
-35
-30
-25
-20
-15
-10
-5
0
01
234
5
67
89
Frequency (GHz.)
-40C
25C
85C
-60
-50
-40
-30
-20
-10
0
012
34
56
789
Frequency (GHz.)
0dB
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB
-70
-60
-50
-40
-30
-20
-10
0
012
3456
789
Frequency (GHz.)
0dB
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB
Figure 9. Output Return Loss vs. Attenuation:
T = +25C
Figure 7. Insertion Loss vs. Temperature
Figure 8. Input Return Loss vs. Attenuation:
T = +25C
Figure 10. Input Return Loss vs. Temperature:
16dB State
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Frequency (GHz)
-40C
+25C
+85C
Figure 11. Output Return Loss vs. Temperature:
16dB State
Figure 12. Relative Phase vs. Frequency
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
01234
5
6789
Frequency (GHz.)
-40C
25C
85C
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com