Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP43701 Datasheet(PDF) 6 Page - SIPAT Co,Ltd

Part # SP43701
Description  50 廓 RF Digital Attenuator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43701 Datasheet(HTML) 6 Page - SIPAT Co,Ltd

Back Button SP43701 Datasheet HTML 2Page - SIPAT Co,Ltd SP43701 Datasheet HTML 3Page - SIPAT Co,Ltd SP43701 Datasheet HTML 4Page - SIPAT Co,Ltd SP43701 Datasheet HTML 5Page - SIPAT Co,Ltd SP43701 Datasheet HTML 6Page - SIPAT Co,Ltd SP43701 Datasheet HTML 7Page - SIPAT Co,Ltd SP43701 Datasheet HTML 8Page - SIPAT Co,Ltd SP43701 Datasheet HTML 9Page - SIPAT Co,Ltd SP43701 Datasheet HTML 10Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Product Specification
SP43701
Page 6 of 12
0.0
5.0
10.0
15.0
20.0
25.0
30.0
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
Hz
Table 3. Operating Ranges
Table 4. Absolute Maximum Ratings
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted to
the limits in the Operating Ranges table. Operation
between operating range maximum and absolute
maximum for extended periods may reduce reliability.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
6.0
V
VI
Voltage on any Digital input
-0.3
5.8
V
TST
Storage temperature range
-65
150
°C
VESD
ESD voltage (HBM)1
ESD voltage (Machine Model)
500
100
V
V
PIN
Input power (50
Ω)
1 Hz
≤ 20 MHz
20 MHz
≤ 4 GHz
See fig. 19
+23
dBm
dBm
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
3.0
3.3
V
IDD Power Supply Current
70
350
µA
Digital Input High
2.6
5.5
V
PIN Input power (50Ω):
1 Hz
≤ 20 MHz
20 MHz
≤ 4 GHz
See fig. 19
+23
dBm
dBm
TOP Operating temperature
range
-40
25
85
°C
Digital Input Low
0
1
V
Digital Input Leakage1
15
µA
VDD Power Supply Voltage
5.0
5.5
V
Note 1. Input leakage current per Control pin
Note: 1. Human Body Model (HBM, MIL_STD 883 Method 3015.7)
Figure 19. Maximum Power Handling Capability: Z0 = 50 Ω
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com