Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP43701 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP43701
Description  50 廓 RF Digital Attenuator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43701 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP43701 Datasheet HTML 1Page - SIPAT Co,Ltd SP43701 Datasheet HTML 2Page - SIPAT Co,Ltd SP43701 Datasheet HTML 3Page - SIPAT Co,Ltd SP43701 Datasheet HTML 4Page - SIPAT Co,Ltd SP43701 Datasheet HTML 5Page - SIPAT Co,Ltd SP43701 Datasheet HTML 6Page - SIPAT Co,Ltd SP43701 Datasheet HTML 7Page - SIPAT Co,Ltd SP43701 Datasheet HTML 8Page - SIPAT Co,Ltd SP43701 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Page 1 of 12
The SP43701 is a HaRP
™-enhanced, high linearity, 7-bit RF
Digital Step Attenuator (DSA). This highly versatile DSA
covers a 31.75 dB attenuation range in 0.25 dB steps. The
SIPAT 50
Ω RF DSA provides a parallel or serial-
addressable CMOS control interface. It maintains high
attenuation accuracy over frequency and temperature and
exhibits very low insertion loss and low power consumption.
Performance does not change with Vdd due to on-board
regulator. This next generation SIPAT DSA is available in a
5x5 mm 32-lead QFN footprint.
The SP43701 is manufactured on SIPAT’s CMOS
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
50
Ω RF Digital Attenuator
7-bit, 31.75 dB, DC-4.0 GHz
Product Description
Figure 2. Functional Schematic Diagram
SP43701
Features
• HaRP™-enhanced CMOS device
• Attenuation: 0.25 dB steps to 31.75 dB
• High Linearity: Typical +59 dBm IIP3
• Excellent low-frequency performance
• 3.3 V or 5.0 V Power Supply Voltage
• Fast switch settling time
• Programming Modes:
• Direct Parallel
• Latched Parallel
• Serial-Addressable: Program up to
eight addresses 000 - 111
• High-attenuation state @ power-up (PUP)
• CMOS Compatible
• No DC blocking capacitors required
• Packaged in a 32-lead 5x5x0.85 mm QFN
Figure 1. Package Type
32-lead 5x5x0.85 mm QFN Package
Control Logic Interface
RF Input
RF Output
Switched Attenuator Array
Serial In
LE
CLK
A0
A1
A2
Parallel Control 7
P/S
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


Similar Part No. - SP43701

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4302 SIPAT-SP4302 Datasheet
867Kb / 10P
50 廓 RF Digital Attenuator
SP4304 SIPAT-SP4304 Datasheet
928Kb / 10P
75 廓 RF Digital Attenuator
SP4306 SIPAT-SP4306 Datasheet
845Kb / 10P
50 廓 RF Digital Attenuator
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
75 廓 RF Digital Attenuator
SP4308 SIPAT-SP4308 Datasheet
889Kb / 10P
75 廓 RF Digital Attenuator
More results

Similar Description - SP43701

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4302 SIPAT-SP4302 Datasheet
867Kb / 10P
50 廓 RF Digital Attenuator
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43204 PSEMI-PE43204_14 Datasheet
854Kb / 8P
50 廓 RF Digital Attenuator
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
50 廓 RF Digital Attenuator
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
50 廓 RF Digital Attenuator
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
50 廓 RF Digital Attenuator
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com