Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP43701 Datasheet(PDF) 5 Page - SIPAT Co,Ltd

Part # SP43701
Description  50 廓 RF Digital Attenuator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43701 Datasheet(HTML) 5 Page - SIPAT Co,Ltd

  SP43701 Datasheet HTML 1Page - SIPAT Co,Ltd SP43701 Datasheet HTML 2Page - SIPAT Co,Ltd SP43701 Datasheet HTML 3Page - SIPAT Co,Ltd SP43701 Datasheet HTML 4Page - SIPAT Co,Ltd SP43701 Datasheet HTML 5Page - SIPAT Co,Ltd SP43701 Datasheet HTML 6Page - SIPAT Co,Ltd SP43701 Datasheet HTML 7Page - SIPAT Co,Ltd SP43701 Datasheet HTML 8Page - SIPAT Co,Ltd SP43701 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Product Specification
SP43701
Page 5 of 12
8
7
6
5
4
3
2
1
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
16
15
14
13
12
11
10
9
Exposed
Solder pad
NC
VDD
P/S
A0
GND
GND
RF1
GND
CLK
LE
A1
A2
GND
GND
RF2
GND
Electrostatic Discharge (ESD) Precautions
When handling this CMOS device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
specified rating.
Exposed Solder Pad Connection
The exposed solder pad on the bottom of the package
must be grounded for proper device operation.
Figure 18. Pin Configuration (Top View)
Latch-Up Avoidance
Unlike conventional CMOS devices, SIPAT's CMOS
devices are immune to latch-up.
Switching Frequency
The SP43701 has a maximum 25 kHz switching rate.
Switching rate is defined to be the speed at which the
DSA can be toggled across attenuation states.
Pin No.
Pin Name
Description
1
N/C
No Connect
2
VDD
Power supply pin
3
P/S
Serial/Parallel mode select
4
A0
Address Bit A0 (LSB)
5, 6, 8-17,
19, 20
GND
Ground
7
RF1
RF1 port
18
RF2
RF2 port
21
A2
Address Bit A2
22
A1
Address Bit A1
23
LE
Latch Enable input
24
CLK
Serial interface clock input
25
SI
Serial Interface input
26
C16
Attenuation control bit, 16 dB
27
C8
Attenuation control bit, 8 dB
28
C4
Attenuation control bit, 4 dB
29
C2
Attenuation control bit, 2 dB
30
C1
Attenuation control bit, 1 dB
31
C0.5
Attenuation control bit, 0.5 dB
32
C0.25
Attenuation control bit, 0.25 dB
Paddle
GND
Ground for proper operation
Table 2. Pin Descriptions
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the SP43701 in
the 5x5 QFN package is MSL1.
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com