Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES-R-2X01B-M Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ES-R-2X01B-M
Description  Converters Manual
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ES-R-2X01B-M Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ES-R-2X01B-M Datasheet HTML 9Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 10Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 11Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 12Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 13Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 14Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 15Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 16Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Document Reference No.: ES_000086
ES-R-2x01B-M RS-232 to RS-422/RS-485 Converters Manual
Version 1.0
Clearance No.: ES
#42
©2010 - 2011 EasySYNC Ltd.
13
Wiring Diagrams
The diagram shows an ES-R-2x01B-M converter connected to an RS-485 half-duplex bus. If the ES-R-
2x01B-M is at one end of the bus (as shown), the built-in resistor can be enabled to terminate the Data
± lines. The Tx ± termination jumper is used to enable this resistor. A second termination resistor is
fitted at the other end of the bus as shown.
If additional unexpected zero bytes are being received, the ES-R-2x01B-M converters also features bias
resistors (not shown below) which can be enabled by enabling the Pull-up Rx+ to VCC by 750 Ohm Bias
resistor and Pull-down Rx- to GND by 750 Ohm Bias resistor) jumpers. For further details see sections
4.1 and 4.4. These should not be enabled if another device on the bus is already providing biasing.
Twisted pair wires are required for each signal pair.
Figure 6
RS-485 Half Duplex Wiring
RS-485 Devices
ES-R-2x01B-M
Data+
Data-
GND
Data+
Data-
GND
Data+
Data-
GND
Data+
Data-
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com