Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES-R-2X01B-M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ES-R-2X01B-M
Description  Converters Manual
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ES-R-2X01B-M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ES-R-2X01B-M Datasheet HTML 1Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 2Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 3Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 4Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 5Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 6Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 7Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 8Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Document Reference No.: ES_000086
ES-R-2x01B-M RS-232 to RS-422/RS-485 Converters Manual
Version 1.0
Clearance No.: ES
#42
©2010 - 2011 EasySYNC Ltd.
4
2 Specification
RS-232 to RS-422/RS-485 Converter (ES-R-2001B-M)
Converts RS-232 port to high speed RS-422 / RS-485 port
RS-232 port can be selected to DCE or DTE pin assignment
Data rate: 300 bps to 1M bps
RS-232 connector: One DB-9 female connector
RS-422 / RS-485 connector: One DB-9 male connector and one 5-pin terminal block
Auto transmit/receive control for 2-wire RS-485 half-duplex operation
Termination and bias resistors installed on-board and selectable by jumpers
RS-422 data signals : TX-, TX+, RX+, RX-, GND, RTS-, RTS+, CTS+, CTS-
RS-485 data signals (full-duplex) : TX-, TX+, RX+, RX-, GND
RS-485 data signals (half-duplex) : Data-, Data+, GND
LEDs indicate TxD and RxD
Wide input power range : 9V DC to 48V DC
Opto-isolated RS-232 to RS-422/RS-485 Converter (ES-R-2101B-M)
Converts RS-232 port to high speed RS-422 / RS-485 port
RS-232 port can be selected to DCE or DTE pin assignment
RS-422/RS-485 port is optically isolated with 2000 Volt DC optical isolation
RS-422/RS-485 port is surge protected on all signal lines to withstand electrostatic discharge
and power surges up to 25KV ESD
Data rate: 300 bps to 1M bps
RS-232 connector: One DB-9 female connector
RS-422 / RS-485 connector: One DB-9 male connector and one 5-pin terminal block
Auto transmit/receive control for 2-wire RS-485 half-duplex operation
Termination and bias resistors installed on-board and selectable by jumpers
RS-422 data signals : TX-, TX+, RX+, RX-, GND, RTS-, RTS+, CTS+, CTS-
RS-485 data signals (full-duplex) : TX-, TX+, RX+, RX-, GND
RS-485 data signals (half-duplex) : Data-, Data+, GND
LEDs indicate TxD and RxD
Wide input power range : 9V DC to 48V DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com