Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES-R-2X01B-M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ES-R-2X01B-M
Description  Converters Manual
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ES-R-2X01B-M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ES-R-2X01B-M Datasheet HTML 1Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 2Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 3Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 4Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 5Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 6Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 7Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 8Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Document Reference No.: ES_000086
ES-R-2x01B-M RS-232 to RS-422/RS-485 Converters Manual
Version 1.0
Clearance No.: ES
#42
©2010 - 2011 EasySYNC Ltd.
5
3 Features of the ES-R-2x01B-M
3.1 Optical Isolation & Surge Protection (ES-R-2101B-M only)
The ES-R-2101B-M converter is optically isolated with 2000 Volt DC optical isolation. The optical isolation
protects the PC from spikes and surges on the RS-422/RS-485 network, by converting the electrical pulse
into an optical signal and then changing it back into an electrical pulse. The computer is well protected,
since the surges and spikes cannot cross the optical link.
The ES-R-2101B-M also features surge protectors, to withstand electrostatic discharge and power surges
up to 25KV ESD. The surge suppression on all signals prevents damage caused by lightning or high
voltage.
3.2 Power Supply
The ES-R-2001B-M and ES-R-2101B-M accept a wide range of supply voltages, from 9V DC to 48V DC.
The power input connector is a 3–pin terminal-block style connector as shown in Figure 1 below.
An external switch-mode power adapter is supplied with the converter.
Figure 1
9V DC to 48V DC power input connector
3.3 Enclosure
The ES-R-2001B-M and ES-R-2101B-M converters have a metal enclosure. Transmit and Receive LEDs
are included to show when data is being transmitted or received on the serial lines. A power LED is also
included to show that the converter is receiving power.
3.4 Configuring for RS-422 and RS-485 Modes
The ES-R-2001B-M and ES-R-2101B-M converters use DIP switches to select RS-422 or RS-485 modes.
They also feature jumpers to set the pinout of the RS-232 port to a DCE or DTE configuration, and to
enable termination and biasing when required.
Please refer to section 4 for more information on the DIP switch and jumper settings available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com