Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES-R-2X01B-M Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ES-R-2X01B-M
Description  Converters Manual
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ES-R-2X01B-M Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ES-R-2X01B-M Datasheet HTML 12Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 13Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 14Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 15Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 16Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 17Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 18Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 19Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Document Reference No.: ES_000086
ES-R-2x01B-M RS-232 to RS-422/RS-485 Converters Manual
Version 1.0
Clearance No.: ES
#42
©2010 - 2011 EasySYNC Ltd.
18
Appendix A - List of Figures and Tables
List of Figures
Figure 1
9V DC to 48V DC power input connector .................................................. 5
Figure 2
Jumpers used to select RS-232 DCE and DTE ........................................... 7
Figure 4
RS-422 4 Wire Full Duplex ..................................................................... 11
Figure 5
RS-422 with handshaking signals connected ......................................... 11
Figure 6
RS-485 Half Duplex Wiring..................................................................... 13
Figure 7
RS-485 Full Duplex Wiring ..................................................................... 15
List of Tables
Table 1
Jumper settings for RS-232 DCE or DTE Pin Assignment ............................ 7
Table 2
RS-422 and RS-485 configuration .............................................................. 7
Table 3
Termination and Biasing configuration....................................................... 8
Table 4
RS-232 Pin-Out for DB-9 connector (DCE) ................................................. 9
Table 5
RS-232 Pin-Out for DB-9 connector (DTE).................................................. 9
Table 6
RS-422 Pin-Out for DB-9 connector.......................................................... 10
Table 7
RS-422 Pin-Out for 5-way terminal block ................................................. 10
Table 8
RS-485 half-duplex pin-out for DB-9 connector ....................................... 12
Table 9
RS-485 half-duplex pin-out for 5-way terminal block............................... 12
Table 10
RS-485 full duplex pin-out for DB-9 connector...................................... 14
Table 11
RS-485 full duplex pin-out for terminal block ........................................ 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com