Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES-R-2X01B-M Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ES-R-2X01B-M
Description  Converters Manual
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ES-R-2X01B-M Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ES-R-2X01B-M Datasheet HTML 3Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 4Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 5Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 6Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 7Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 8Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 9Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 10Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Document Reference No.: ES_000086
ES-R-2x01B-M RS-232 to RS-422/RS-485 Converters Manual
Version 1.0
Clearance No.: ES
#42
©2010 - 2011 EasySYNC Ltd.
7
4.2 RS-232 DCE or DTE Pin Assignment
Inside the unit, there are two 2x3 (JP1, JP2) header blocks which are jumpered to select the RS-232 port
pin assignment to DCE or DTE. The factory default setting is DCE.
Jumper
Function
JP1 1-3
JP1 2-4
JP2 1-3
JP2 2-4
RS-232 port assigned to DCE (Data Communications Equipment). See
Figure 2.
JP1 3-5
JP1 4-6
JP2 3-5
JP2 4-6
RS-232 port assigned to DTE (Data Terminal Equipment). See See
Figure 2.
Table 1
Jumper settings for RS-232 DCE or DTE Pin Assignment
DCE setting
Jumper pin numbers
DTE setting
Figure 2
Jumpers used to select RS-232 DCE and DTE
4.3 RS-422 and RS-485 Mode Block Configuration
A 3-pin DIP switch is used to set to select the mode of operation. The switches should be set to RS-422
mode or RS-485 mode as per the requirements of your application.
The RS-422 & RS-485 Mode Block Configuration Settings are shown in Table 2.
Operation Mode
S1
S2
S3
RS-422
4 wire with handshaking
ON
ON
ON
RS-485
Full Duplex (4 wire)
OFF
ON
ON
Half Duplex (2 wire)
with Echo
OFF
OFF
ON
Half Duplex (2 wire )
without Echo
OFF
OFF
OFF
Table 2
RS-422 and RS-485 configuration
2
4
6
JP2
1
3
5
2
4
6
JP1
1
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com