Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES-R-2X01B-M Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ES-R-2X01B-M
Description  Converters Manual
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ES-R-2X01B-M Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ES-R-2X01B-M Datasheet HTML 4Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 5Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 6Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 7Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 8Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 9Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 10Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 11Page - List of Unclassifed Manufacturers ES-R-2X01B-M Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Document Reference No.: ES_000086
ES-R-2x01B-M RS-232 to RS-422/RS-485 Converters Manual
Version 1.0
Clearance No.: ES
#42
©2010 - 2011 EasySYNC Ltd.
8
4.4 Termination and Biasing Configuration
Inside the converter, there is a 7x3 (21pin) header block which has jumpers to enable the Tx, Rx and
CTS 120 Ohm termination resistors, and the Tx and Rx 750 Ohm biasing resistors. Open the case and set
the jumpers as per the requirements of your application. The settings are detailed below.
Figure 3
Setting termination and biasing resistors
Jumper
Function
1-2
enable
2-3
disable
Tx± Termination of 120 Ohm.
This function should be enabled for RS485 Half-Duplex mode.
4-5
enable
5-6
disable
Pull-up Tx+ to VCC by 750 Ohm Bias resistor.
This function should be enabled to pull-up Tx+.
7-8
enable
8-9
disable
Pull-down Tx- to GND by 750 Ohm Bias resistor.
This function should be enabled to pull-down Tx-.
10-11 enable
11-12 disable
Rx± Termination of 120 Ohm.
This function should be enabled for RS-422 and RS485 Full-Duplex mode.
13-14 enable
14-15 disable
Pull-up Rx+ to VCC by 750 Ohm Bias resistor.
This function should be enabled to pull-up Rx+.
16-17 enable
17-18 disable
Pull-down Rx- to GND by 750 Ohm Bias resistor.
This function should be enabled to pull-down Rx-.
19-20 enable
20-21 disable
CTS Termination of 120 Ohm.
This function should be enabled for RS-422 mode.
Note: See section 4.1 for further information before setting termination and biasing
Table 3
Termination and Biasing configuration
21 20 19
3 2 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com