Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5338 Datasheet(PDF) 3 Page - NEC

Part # 2SC5338
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5338 Datasheet(HTML) 3 Page - NEC

  2SC5338 Datasheet HTML 1Page - NEC 2SC5338 Datasheet HTML 2Page - NEC 2SC5338 Datasheet HTML 3Page - NEC 2SC5338 Datasheet HTML 4Page - NEC 2SC5338 Datasheet HTML 5Page - NEC 2SC5338 Datasheet HTML 6Page - NEC 2SC5338 Datasheet HTML 7Page - NEC 2SC5338 Datasheet HTML 8Page - NEC 2SC5338 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
2SC5338
TYPICAL CHARACTERISTICS (TA = 25 °
°°°C)
2
0
0.2
0.1
0.1
10
1
0.3
10
–50
10
–40
46
8
10
12
14
20
40
60
80
100
120
0.4
0.6
0.8
1.0
1.2
1
10
100
1000
3
5
10
20
30
0.5
1.0
2.0
3.0
5.0
20
50
100
200
–60
–70
–80
–90
20
50
100
200
–50
–60
–70
1
10
100
1000
50
100
500
VCE - Collector to Emitter Voltage - V
IC - VBE Characteristics
VBE - Bese to Emitter Voltage - V
hFE - IC Characteristics
IC - Collector Current - mA
Cob - VCB Characteristics
VCB - Collector to Base Voltage - V
IM2 - IC Characteristics
IC - Collector Current - mA
IM3 - IC Characteristics
IC - Collector Current - mA
IB = 0.7 mA
0.6
0.5
0.4
0.3
0.2
0.1
VCE = 10 V
5 V
f = 1.0 MHZ
VCE = 10 V
5 V
VO = 105 dB V/75
Ω
f = 2
× 190MHz – 200 MHZ
µ
VCE = 10 V
5 V
VO = 105 dB V/75
Ω
f = 190 MHZ – 90 MHZ
µ
IC - VCE Characteristics
5 V
VCE = 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com