Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5338 Datasheet(PDF) 8 Page - NEC

Part # 2SC5338
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5338 Datasheet(HTML) 8 Page - NEC

Back Button 2SC5338 Datasheet HTML 2Page - NEC 2SC5338 Datasheet HTML 3Page - NEC 2SC5338 Datasheet HTML 4Page - NEC 2SC5338 Datasheet HTML 5Page - NEC 2SC5338 Datasheet HTML 6Page - NEC 2SC5338 Datasheet HTML 7Page - NEC 2SC5338 Datasheet HTML 8Page - NEC 2SC5338 Datasheet HTML 9Page - NEC 2SC5338 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
2SC5338
S-PARAMETER
VCE = 10 V, IC = 100 mA
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
.651
− 64.8
21.694
136.2
.029
62.4
.588
− 43.4
200
.520
− 106.4
14.288
114.6
.042
53.0
.435
− 62.7
300
.460
− 126.5
10.214
104.5
.051
56.6
.330
− 73.0
400
.420
− 140.1
7.822
98.1
.061
58.4
.284
− 77.1
500
.395
− 150.0
6.355
93.2
.070
65.6
.270
− 78.8
600
.384
− 156.3
5.314
90.3
.077
67.0
.257
− 82.2
700
.367
− 162.9
4.569
87.8
.089
70.9
.258
− 82.1
800
.350
− 165.5
4.037
85.6
.095
71.6
.241
− 82.9
900
.343
− 169.3
3.649
83.8
.106
72.5
.257
− 79.5
1000
.339
− 177.1
3.353
82.8
.117
73.9
.258
− 79.3
1100
.316
177.9
3.193
81.0
.125
75.0
.261
− 73.6
1200
.315
179.4
3.217
78.4
.142
75.5
.311
− 72.3
1300
.309
170.1
3.026
69.1
.152
78.1
.324
− 80.4
1400
.287
165.6
2.592
65.9
.164
75.6
.280
− 81.0
1500
.303
161.9
2.374
65.2
.173
80.5
.308
− 82.6
1600
.293
157.9
2.179
63.5
.187
78.1
.295
− 81.4
1700
.301
153.7
2.054
62.4
.200
78.2
.307
− 78.7
1800
.303
150.7
1.945
61.4
.214
75.9
.313
− 82.1
1900
.306
148.8
1.840
60.5
.225
75.4
.321
− 82.8
2000
.311
147.2
1.753
59.7
.240
75.0
.332
− 86.9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com