Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5338 Datasheet(PDF) 7 Page - NEC

Part # 2SC5338
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5338 Datasheet(HTML) 7 Page - NEC

Back Button 2SC5338 Datasheet HTML 2Page - NEC 2SC5338 Datasheet HTML 3Page - NEC 2SC5338 Datasheet HTML 4Page - NEC 2SC5338 Datasheet HTML 5Page - NEC 2SC5338 Datasheet HTML 6Page - NEC 2SC5338 Datasheet HTML 7Page - NEC 2SC5338 Datasheet HTML 8Page - NEC 2SC5338 Datasheet HTML 9Page - NEC 2SC5338 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
2SC5338
S-PARAMETER
VCE = 10 V, IC = 50 mA
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
.699
− 59.3
21.061
140.1
.037
68.2
.860
− 37.6
200
.540
− 97.0
14.088
118.4
.057
57.8
.629
− 62.0
300
.461
− 119.1
10.216
107.1
.066
55.0
.464
− 72.1
400
.423
− 133.2
7.898
99.9
.076
56.4
.409
− 77.1
500
.403
− 144.4
6.431
95.0
.087
56.6
.375
− 80.6
600
.383
− 150.8
5.407
91.8
.099
58.7
.363
− 86.2
700
.355
− 158.1
4.640
89.3
.110
59.6
.327
− 87.7
800
.338
− 161.3
4.093
86.7
.118
61.4
.323
− 87.8
900
.333
− 165.1
3.723
84.9
.129
63.9
.310
− 86.0
1000
.322
− 172.7
3.406
84.0
.137
66.0
.324
− 83.2
1100
.303
− 177.8
3.245
82.6
.150
65.6
.333
− 79.9
1200
.306
− 178.3
3.278
79.5
.159
66.2
.371
− 80.5
1300
.295
171.3
3.074
69.9
.168
67.6
.377
− 86.5
1400
.276
171.0
2.644
67.0
.180
69.7
.347
− 86.7
1500
.283
164.5
2.397
66.2
.198
70.5
.363
− 88.4
1600
.282
159.5
2.208
64.7
.208
69.1
.342
− 85.6
1700
.283
157.3
2.088
64.1
.220
70.0
.344
− 86.0
1800
.287
154.8
1.986
62.6
.232
70.0
.366
− 87.8
1900
.290
150.4
1.886
61.7
.247
69.4
.371
− 89.3
2000
.300
148.7
1.787
60.7
.254
68.4
.361
− 92.9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com