Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5338 Datasheet(PDF) 6 Page - NEC

Part # 2SC5338
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5338 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5338 Datasheet HTML 2Page - NEC 2SC5338 Datasheet HTML 3Page - NEC 2SC5338 Datasheet HTML 4Page - NEC 2SC5338 Datasheet HTML 5Page - NEC 2SC5338 Datasheet HTML 6Page - NEC 2SC5338 Datasheet HTML 7Page - NEC 2SC5338 Datasheet HTML 8Page - NEC 2SC5338 Datasheet HTML 9Page - NEC 2SC5338 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
2SC5338
S-PARAMETER
VCE = 5 V, IC = 100 mA
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
.647
− 73.2
21.091
134.7
.039
58.3
.793
− 45.3
200
.529
− 112.8
13.280
113.6
.060
53.9
.561
− 71.0
300
.480
− 133.5
9.390
103.3
.072
54.2
.409
− 82.3
400
.459
− 146.3
7.213
96.7
.079
55.6
.360
− 86.1
500
.443
− 155.4
5.826
92.0
.090
58.6
.333
− 90.2
600
.424
− 160.9
4.890
89.2
.102
57.6
.315
− 95.6
700
.406
− 166.8
4.206
86.9
.111
61.4
.297
− 96.0
800
.401
− 169.8
3.711
84.3
.120
64.2
.292
− 95.6
900
.396
− 173.9
3.372
82.7
.135
66.9
.288
− 93.9
1000
.391
− 178.9
3.093
81.8
.143
67.0
.294
− 91.3
1100
.361
176.3
2.950
80.4
.157
67.4
.298
− 86.5
1200
.366
175.3
2.984
77.2
.166
67.9
.338
− 86.4
1300
.363
167.7
2.788
67.5
.178
68.5
.359
− 94.6
1400
.337
165.3
2.413
64.6
.192
71.3
.320
− 95.5
1500
.352
160.9
2.194
63.4
.210
70.8
.322
− 96.3
1600
.349
157.0
2.017
61.7
.220
68.8
.314
− 92.3
1700
.352
154.7
1.900
60.9
.236
69.4
.329
− 91.1
1800
.353
152.0
1.810
60.3
.248
69.1
.339
− 93.7
1900
.354
147.9
1.730
58.8
.252
68.8
.336
− 98.1
2000
.354
146.6
1.633
57.8
.261
66.2
.342
− 98.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com