Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5338 Datasheet(PDF) 1 Page - NEC

Part # 2SC5338
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5338 Datasheet(HTML) 1 Page - NEC

  2SC5338 Datasheet HTML 1Page - NEC 2SC5338 Datasheet HTML 2Page - NEC 2SC5338 Datasheet HTML 3Page - NEC 2SC5338 Datasheet HTML 4Page - NEC 2SC5338 Datasheet HTML 5Page - NEC 2SC5338 Datasheet HTML 6Page - NEC 2SC5338 Datasheet HTML 7Page - NEC 2SC5338 Datasheet HTML 8Page - NEC 2SC5338 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATA SHEET
Silicon Transistor
2SC5338
NPN EPITAXIAL SILICON TRANSISTOR
HIGH FREQUENCY LOW DISTORTION AMPLIFIER
1996
©
Document No. P10940EJ1V0DS00 (1st edition)
Date Published April 1996 P
Printed in Japan
PRELIMINARY DATA SHEET
DESCRIPTION
The 2SC5338 is designed for a low distortion and low noise RF amplifier with an operation on the low supply
voltage (VCE = 5 V). This low distortion characteristics is suitable for the CATV, tele-communication, and such.
FEATURES
PACKAGE DIMENSIONS
•
High gain
(in millimeters)
|S21 |
2 = 10 dB TYP., @V
CE = 5 V, Ic = 50 mA, f = 1 GHz
•
Low distortion and low voltage
IM2 =
−55 dB TYP., IM3 = −76 dB TYP.
@VCE = 5 V, Ic = 50 mA, Vin = 105 dB
µV/75
Ω
•
New power mini-mold package version of a 4-pin type
gain-improved on the 2SC4703
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
25
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
2.5
V
Collector Current
IC
150
mA
Total Power Dissipation
PT
Note1
1.8
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C
Note 1. 0.7 mm
× 16 cm2 double sided ceramic substrate (Copper plaiting)
1.6±0.2
1.5±0.1
0.25±0.02
0.42
±0.06
0.46
±0.06
3.0
1.5
0.42
±0.06
PIN CONNECTIONS
E: Emitter
C: Collector
B: Base
C
EB
E
4.5±0.1


Similar Part No. - 2SC5338

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338-A RENESAS-2SC5338-A Datasheet
137Kb / 2P
RF & Microwave device
2SC5338-T1 RENESAS-2SC5338-T1 Datasheet
186Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 RENESAS-2SC5338_15 Datasheet
186Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
More results

Similar Description - 2SC5338

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
NE461M02 NEC-NE461M02 Datasheet
45Kb / 5P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
NE856M02 CEL-NE856M02 Datasheet
206Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
FutureWafer Tech Co.,Lt...
2SC1815 FUTUREWAFER-2SC1815 Datasheet
891Kb / 7P
Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
2SC945 FUTUREWAFER-2SC945 Datasheet
932Kb / 7P
Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com