Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5338 Datasheet(PDF) 2 Page - NEC

Part # 2SC5338
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5338 Datasheet(HTML) 2 Page - NEC

  2SC5338 Datasheet HTML 1Page - NEC 2SC5338 Datasheet HTML 2Page - NEC 2SC5338 Datasheet HTML 3Page - NEC 2SC5338 Datasheet HTML 4Page - NEC 2SC5338 Datasheet HTML 5Page - NEC 2SC5338 Datasheet HTML 6Page - NEC 2SC5338 Datasheet HTML 7Page - NEC 2SC5338 Datasheet HTML 8Page - NEC 2SC5338 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
2SC5338
ELECTRICAL CHARACTERISTICS (TA = 25 °
°°°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Collector Cutoff Current
ICBO
VCB = 20 V, IE = 0
1.5
µA
Emitter Cutoff Current
IEBO
VEB = 2 V, IC = 0
1.5
µA
DC Current Gain
hFE
VCE = 5 V, IC = 50 mA
Note2
50
250
Gain Bandwidth Product
fT
VCE = 5 V, IC = 50 mA
6.0
GHz
Feed-back Capacitance
Cre
VCB = 5 V, IE = 0, f = 1 MHz
Note3
1.0
2.0
pF
Insertion Power Gain
|S21e|
2
VCE = 5 V, IC = 50 mA, f = 1 GHz
8.5
10
dB
Nose Figure
NF
VCE = 5 V, IC = 50 mA, f = 1 GHz
3.5
dB
IM2
VCE = 5 V
− 55
dB
VCE = 10 V
− 63
IM3
VCE = 5 V
− 76
dB
VCE = 10 V
− 83
Notes 2. Pulse measurement: PW
≤ 350
µS, Duty Cycle ≤ 2 %
3. Mesured by a 3-terminal bridge. Emitter and Case should be connected to the guard terminal.
hFE Classification
Rank
SH
SF
SE
Marking
SH
SF
SE
hFE
50 to 100
80 to 160
125 to 250
3rd Order
Intermoduration
Distortion
2nd Order
Intermoduration
Distortion
IC = 50 mA
Vin = 105 dB
µV/75 Ω
f = 190 MHz
− 90 MHz
IC = 50 mA
Vin = 105 dB
µV/75 Ω
f = 2
× 190 MHz − 200 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com