Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA28151 Datasheet(PDF) 16 Page - Dynex Semiconductor

Part # MA28151
Description  Radiation hard Programmable Communication Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28151 Datasheet(HTML) 16 Page - Dynex Semiconductor

Back Button MA28151 Datasheet HTML 12Page - Dynex Semiconductor MA28151 Datasheet HTML 13Page - Dynex Semiconductor MA28151 Datasheet HTML 14Page - Dynex Semiconductor MA28151 Datasheet HTML 15Page - Dynex Semiconductor MA28151 Datasheet HTML 16Page - Dynex Semiconductor MA28151 Datasheet HTML 17Page - Dynex Semiconductor MA28151 Datasheet HTML 18Page - Dynex Semiconductor MA28151 Datasheet HTML 19Page - Dynex Semiconductor MA28151 Datasheet HTML 20Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MA28151
16/22
6. DC CHARACTERISTICS AND RATINGS
Parameter
Min
Max
Units
Supply Voltage
-0.5
7
V
Input Voltage
-0.3
VDD+0.3
V
Current Through Any Pin
-20
+20
mA
Operating Temperature
-55
125
°C
Storage Temperature
-65
150
°C
Note: Stresses above those listed may cause permanent
damage to the device. This is a stress rating only and
functional operation of the device at these conditions, or at
any other condition above those indicated in the operations
section of this specification, is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Figure 25: Absolute Maximum Ratings
Total dose radiation not
exceeding 3x10
5 Rad(SI)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply Voltage
-
4.5
5.0
5.5
V
VIH
Input High Voltage
-
2.2
-
-
V
VIL
Input Low Voltage
-
-
-
0.8
V
VOH
Output High Voltage
IOH = -2mA
VDD-0.5
-
-
V
VOL
Output Low Voltage
IOL = 5mA
-
-
VSS+0.4
V
IIN
Input Leakage Current (Note 1)
VDD = 5.5V,
-
-
±10
µA
VIN = VSS or VDD
IOZ
Tristate Leakage Current (Note 1)
VDD = 5.5V,
-
-
±50
µA
VIN = VSS or VDD
IDD
Power Supply Current
Static, VDD = 5.5V
-
0.1
10
mA
VDD = 5V±10%, over full operating temperature range.
Mil-Std-883, method 5005, subgroups 1, 2, 3
Note 1: Guaranteed but not tested at -55
°C
Figure 26: Electrical Characteristics
Subgroup
Definition
1
Static characteristics specified in Figure 26 at +25
°C
2
Static characteristics specified in Figure 26 at +125
°C
3
Static characteristics specified in Figure 26 at -55
°C
7
Functional characteristics specified in Figure 24 at +25
°C
8A
Functional characteristics specified in Figure 24 at +125
°C
8B
Functional characteristics specified in Figure 24 at -55
°C
9
Switching characteristics specified in Figure 23 at +25
°C
10
Switching characteristics specified in Figure 23 at +125
°C
11
Switching characteristics specified in Figure 23 at -55
°C
Figure 27: Definition of Mil-Std-883, Method 5005 Subgroups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com