Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA28151 Datasheet(PDF) 17 Page - Dynex Semiconductor

Part # MA28151
Description  Radiation hard Programmable Communication Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28151 Datasheet(HTML) 17 Page - Dynex Semiconductor

Back Button MA28151 Datasheet HTML 13Page - Dynex Semiconductor MA28151 Datasheet HTML 14Page - Dynex Semiconductor MA28151 Datasheet HTML 15Page - Dynex Semiconductor MA28151 Datasheet HTML 16Page - Dynex Semiconductor MA28151 Datasheet HTML 17Page - Dynex Semiconductor MA28151 Datasheet HTML 18Page - Dynex Semiconductor MA28151 Datasheet HTML 19Page - Dynex Semiconductor MA28151 Datasheet HTML 20Page - Dynex Semiconductor MA28151 Datasheet HTML 21Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MA28151
17/22
7. OUTLINES AND PIN ASSIGNMENTS
D
W
A
e
b
Z
H
A 1
15°
M
E
C
e 1
Seating Plane
1
14
28
15
Ref
Millimetres
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
5.715
-
-
0.225
A1
0.38
-
1.53
0.015
-
0.060
b
0.35
-
0.59
0.014
-
0.023
c
0.20
-
0.36
0.008
-
0.014
D
-
-
36.02
-
-
1.418
e
-
2.54 Typ.
-
-
0.100 Typ.
-
e1
-
15.24 Typ.
-
-
0.600 Typ.
-
H
4.71
-
5.38
0.185
-
0.212
Me
-
-
15.90
-
-
0.626
Z
-
-
1.27
-
-
0.050
W
-
-
1.53
-
-
0.060
XG404
28 D1
27 D0
26 Vdd
25 RxC
24 DTR
23 RTS
22 DSR
21 RESET
20 CLK
19 TxD
18 TxE
17 CTS
16 SYNDET
15 TxRDY
1
D2
2
D3
3
RxD
4
GND
5
D4
6
D5
7
D6
8
D7
9
TxC
10
RDWN
11
CSN
12
CDN
13
DSN
14
RxRDY
Top
View
Figure 28: 28-Lead Ceramic DIL (Solder Seal) - Package Style C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com