Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA28151 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # MA28151
Description  Radiation hard Programmable Communication Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28151 Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button MA28151 Datasheet HTML 2Page - Dynex Semiconductor MA28151 Datasheet HTML 3Page - Dynex Semiconductor MA28151 Datasheet HTML 4Page - Dynex Semiconductor MA28151 Datasheet HTML 5Page - Dynex Semiconductor MA28151 Datasheet HTML 6Page - Dynex Semiconductor MA28151 Datasheet HTML 7Page - Dynex Semiconductor MA28151 Datasheet HTML 8Page - Dynex Semiconductor MA28151 Datasheet HTML 9Page - Dynex Semiconductor MA28151 Datasheet HTML 10Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MA28151
6/22
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
S2 S1 EP PEN L2 L1 B2 B1
BAUD RATE FACTOR
SYNC
MODE
(1x)
(16x)
(64x)
00
1
1
00
1
1
CHARACTER LENGTH
5
BITS
6
BITS
7
BITS
8
BITS
00
1
1
01
0
1
PARITY ENABLE AND SENSE
1 = ENABLE 0 = DISABLE
1 = EVEN 0 = ODD
NUMBER OF STOP BITS
NOT
VALID
1
BIT
1 1/2
BITS
2
BITS
00
1
1
01
0
1
Figure 4: Mode Instruction Format, Asynchronous Mode
TxD
MARKING
DATA BITS D0-Dx
GENERATED BY MA28151
PARITY BIT
STOP
BITS
RxD
DATA BITS D0-Dx
DOES NOT APPEAR ON DBUS
PARITY BIT
STOP
BITS
PROGRAMMED CHAR. LENGTH
Figure 5: Asynchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com