Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA28151 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # MA28151
Description  Radiation hard Programmable Communication Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28151 Datasheet(HTML) 5 Page - Dynex Semiconductor

  MA28151 Datasheet HTML 1Page - Dynex Semiconductor MA28151 Datasheet HTML 2Page - Dynex Semiconductor MA28151 Datasheet HTML 3Page - Dynex Semiconductor MA28151 Datasheet HTML 4Page - Dynex Semiconductor MA28151 Datasheet HTML 5Page - Dynex Semiconductor MA28151 Datasheet HTML 6Page - Dynex Semiconductor MA28151 Datasheet HTML 7Page - Dynex Semiconductor MA28151 Datasheet HTML 8Page - Dynex Semiconductor MA28151 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MA28151
5/22
3. PROGRAMMING THE MA28151
3.1 MODE AND COMMAND INSTRUCTIONS
Prior to starting data transmission or reception, the
MA28151 must be loaded with a set of control words
generated by the CPU. These control signals define the
complete functional definition of the MA28151 and must
immediately follow a Reset operation (internal or external).
The control words are split into two formats:
1. Mode Instruction
2. Command Instruction
3.1.1 Mode Instruction
This instruction defines the general operational
characteristics of the MA28151. It must follow a Reset
operation (internal or external). Once the Mode instruction has
been written into the MA28151 by the CPU, SYNC characters
or Command Instructions may be written.
3.1.2 Command Instruction
This instruction defines a word that is used to control the
actual operation of the MA28151.
Both the Mode and Command Instruction must conform to
a specified sequence for proper device operation. The Mode
instruction must be written immediately following a Reset
operation,
prior
to
using
the
MA28151
for
data
communications.
All control words written into the MA28151 after the Mode
Instruction will load the Command Instruction. Command
Instructions can be written into the MA28151 at any time in the
data block during the operation of the MA28151. To return to
the Mode Instruction format, the master Reset bit in the
Command Instruction word can be set to initiate an internal
Reset operation. This automatically places the MA28151 back
into the Mode Instruction format. Command Instructions must
follow the Mode Instructions or Sync characters.
3.2 MODE INSTRUCTION DEFINITION
The MA28151 can be used for either Asynchronous or
Synchronous data communications. To understand how the
Mode Instruction defines the functional operation of the
MA28151, the designer can best view the device as two
separate components, one Asynchronous and the other
Synchronous, sharing the same package. The format
definition can be changed only after a master chip Reset. For
explanation purposes the two formats will be isolated.
NOTE: When parity is enabled it is not considered as one
of the data bits for the purpose of programming the word
length. The actual parity bit received on the Rx Data line
cannot be read on the Data Bus. In the case of a programmed
character length of less than 8 bits, the least significant data
bus bits will hold the data; unused bits are ‘don’t care’ when
writing data to the MA28151, and will be zeros when reading
the data from the MA28151.
3.3 TEST MODE
The Mode Instruction can be used to select a scan path
test facility. In this mode a test vector is read in through RxD
and read out in TxD. For further information of test mode
please contact GEC Plessey Semiconductors.
3.4 ASYNCHRONOUS MODE (TRANSMISSION)
Whenever a data character is sent by the CPU the
MA28151 automatically adds a Start bit (low level), followed by
the data bits (least significant bit first,) and the programmed
number of Stop bits to each character. Also, an even or odd
Parity bit is inserted prior to the Stop bit(s), as defined by the
Mode Instruction. The Character is then transmitted as a serial
data stream on the TxD output. The serial data is shifted out on
the falling edge of
TxC at a rate equal to 1, 1⁄16 or 1⁄64 times that
of the
TxC, as defined by the Mode Instruction. BREAK
characters can be continuously sent to the TxD if commanded
to do so.
When no data characters have been loaded into the
MA28151 the TxD output remains high (marking) unless a
Break (continuously low) has been programmed.
3.5 ASYNCHRONOUS MODE (RECEIVE)
The RxD line is normally high. A falling edge on this line
triggers the beginning of a START bit. The validity of this
START bit is checked by again strobing this bit at its nominal
center (16x or 64X mode only). If a low is detected again, it is a
valid START bit, and the bit counter will start counting. The bit
counter thus locates the center of the data bits, the parity bit (if
it exists) and the stop bits. If a parity error occurs, the parity
error flag is set. Data and parity bits are sampled on the RxD
pin with the rising edge of
RxC. If a low level is detected as the
STOP bit, the Framing Error flag will be set. The STOP bit
signals the end of a character. Note that the receiver requires
only one stop bit, regardless of the number of stop bits
programmed. This character is then loaded into the parallel l/O
buffer of the MA28151. The RxRDY pin is raised to signal the
CPU that a character is ready to be fetched.
If a previous character has not been fetched by the CPU,
the present character replaces it in the l/O buffer, and the
OVERRUN Error flag is raised (thus the previous character is
lost). All of the error flags can be reset by an Error Reset
Instruction. The occurrence of any of these errors will not affect
the operation of the MA28151.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com