Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA28151 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # MA28151
Description  Radiation hard Programmable Communication Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28151 Datasheet(HTML) 7 Page - Dynex Semiconductor

Back Button MA28151 Datasheet HTML 3Page - Dynex Semiconductor MA28151 Datasheet HTML 4Page - Dynex Semiconductor MA28151 Datasheet HTML 5Page - Dynex Semiconductor MA28151 Datasheet HTML 6Page - Dynex Semiconductor MA28151 Datasheet HTML 7Page - Dynex Semiconductor MA28151 Datasheet HTML 8Page - Dynex Semiconductor MA28151 Datasheet HTML 9Page - Dynex Semiconductor MA28151 Datasheet HTML 10Page - Dynex Semiconductor MA28151 Datasheet HTML 11Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MA28151
7/22
Figure 6: Transmission Format
Figure 7: Receive Format
3.6 SYNCHRONOUS MODE (TRANSMISSION)
The TxD output is continuously high until the CPU sends its
first character to the MA28151 which usually is a SYNC
character. When the
CTS line goes low, the first character is
serially transmitted out. All characters are shifted out on the
falling edge of
TxC. Data is shifted out at the same rate as the
TxC.
Once transmission has started, the data stream at the TxD
output must continue at the
TxC rate. If the CPU does not
provide the MA28151 with a data character before the
MA28151 Transmitter Buffers become empty, the SYNC
characters (or character if in single SYNC character mode) will
be automatically inserted in the TxD data stream. In this case,
the TxEMPTY does not go low when the SYNC is being shifted
out (see figure 8). The TxEMPTY pin is internally reset by a
data character being written into the MA28151.
3.7 SYNCHRONOUS MODE (RECEIVER)
In this mode character synchronisation can be internally or
externally achieved. If the SYNC mode has been
programmed, ENTER-HUNT command should be included in
the first command instruction word written. Data on the RxD
pin is then sampled on the rising edge of
RxC. The content of
the Rx buffer is compared to every bit boundary with the first
SYNC character until a match occurs.
If the MA28151 has been programmed for two SYNC
characters, the subsequent received character is also
compared; when both SYNC characters have been detected,
the USART ends the HUNT mode and is in character
synchronization. The SYNDET pin is then set high, and is reset
automatically by a STATUS READ. If parity is programmed,
SYNDET will not be set until the middle of the parity bit, instead
of the middle of the last data bit.
In the external SYNC mode, synchronization is achieved
by applying a high level on the SYNDET pin, thus forcing the
MA28151 out of the HUNT mode. The high level can be
removed after one
RxC cycle. An ENTER HUNT command
has no effect in the asynchronous mode of operation.
Figure 8: Sync Character Insertion
PARITY BIT
DATA CHARACTER
STOP BITS
START BIT
DATA CHARACTER
ASSEMBLED SERIAL DATA OUTPUT (TxD)
CPU BYTE (5-8 BITS/CHARACTER)
PARITY BIT
DATA CHARACTER
STOP BITS
START BIT
DATA CHARACTER
SERIAL DATA INPUT (RxD)
CPU BYTE (5-8 BITS/CHARACTER) (See Note Below)
NOTE: If character length is defined as 5, 6 or 7 bits the unused bits are set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com