Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA28151 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # MA28151
Description  Radiation hard Programmable Communication Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28151 Datasheet(HTML) 2 Page - Dynex Semiconductor

  MA28151 Datasheet HTML 1Page - Dynex Semiconductor MA28151 Datasheet HTML 2Page - Dynex Semiconductor MA28151 Datasheet HTML 3Page - Dynex Semiconductor MA28151 Datasheet HTML 4Page - Dynex Semiconductor MA28151 Datasheet HTML 5Page - Dynex Semiconductor MA28151 Datasheet HTML 6Page - Dynex Semiconductor MA28151 Datasheet HTML 7Page - Dynex Semiconductor MA28151 Datasheet HTML 8Page - Dynex Semiconductor MA28151 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MA28151
2/22
1. FUNCTIONAL DESCRIPTION
1.1 GENERAL
The MA28151 is a Universal Synchronous/Asynchronous
Receiver/Transmitter designed for use with the MAS281
microprocessor. Like other l/O devices in a microcomputer
system, its functional configuration is programmed by the
system’s software for maximum flexibility. The MA28151 can
support most serial data techniques in use, including IBM bi-
sync.
In a communication environment, an interface device must
convert parallel format system data into serial format for
transmission, and convert incoming serial data into parallel
system data for reception. The interface device must also
delete or insert bits or characters that are functionally unique to
the communication technique. In essence, the interface should
appear transparent to the CPU for the simple input or output of
byte-oriented system data.
1.2 DATA BUS BUFFER
This 3-state, bidirectional, 8-bit buffer is used to interface
the MA28151 to the system data bus. Data is transmitted or
received by the buffer upon execution of OUTput or INput
instructions from the CPU.
Control word, Command words and Status information are
also transferred through the Data Bus Buffer. The Command
Status, Data-in and Data-out registers are separate 8-bit
registers, communicating with the system bus through the
Data Bus Buffer.
This functional block accepts inputs from the system
control bus and generates control signals for overall device
operation. It contains the Control Word Register and
Command Word Register, which store the various control
formats for the device’s functional definition.
1.3 RESET
A high on this input forces the MA28151 into idle mode.
The MA28151 will remain at idle until its functional definition is
programmed with a new set of control words. Minimum RESET
pulse width is 6 tcy (clock must be running).
The device can also be put into the idle state by a
command reset operation .
1.4 CLOCK (CLK)
The CLK input is used to generate internal device timing
and is normally connected to the clock generator (OSC) of the
system.
Please note: None of the external inputs or outputs are
referenced to CLK but the frequency of CLK must be greater
than 30 times the Receiver or Transmitter data bit rates.
1.5 DATA STROBE (DSN)
This input indicates that a data transfer is taking place.
During a CPU write operation the MA28151 reads data from
the bus on the rising edge of DSN. During a read operation the
MA28151 can output data while DSN is low. Data is valid on
the rising edge of DSN.
1.6 READ/WRITE SELECT (RDWN)
A high on the RDWN input indicates a read of data or
status information from the MA28151. A low on this input
indicates a transfer of data or control words into the MA28151.
The RDWN line is valid only when DSN is low. Figure 2
summarises the MAS28151 read/write operati ons.
1.7 CONTROL/DATA (CDN)
This input, in conjunction with the DSN and RDWN inputs,
informs the MA28151 that the word on the Data Bus is either a
data character, control word or status information.
1 = CONTROL/STATUS; 0= DATA
CDN
RDWN
DSN
CSN
ACTION
0
1
0
0
28151 TO CPU
0
0
0
0
CPU TO 28151
1
1
0
0
STATUS TO CPU
1
0
0
0
CPU TO CONTROL
x
x
1
0
BUS TRISTATE
x
x
x
1
BUS TRISTATE
Figure 2: Read/Write Control
1.8 CHIP SELECT (CSN)
A low on this input selects the MA28151. No reading or
writing will occur unless the device is selected. When CSN is
high, the Data Bus is in the float state and the DSN and RDWN
lines have no effect on the chip.
1.9 MODEM CONTROL
The MA28151 has a set of control inputs and outputs which
can be used to simplify the interface to almost any modem.
The modem control signals are general purpose in nature and
can be used for functions other than modem control, if
necessary.
1.10 DATA SET READY (
DSR)
The
DSR input signal is a general-purpose, 1-bit inverting
input port. Its condition can be tested by the CPU using a
Status Read operation. The
DSR input is normally used to test
modem conditions such as Data Set Ready.
1.11 DATA TERMINAL READY (
DTR)
The
DTR output signal is a general purpose, 1-bit inverting
output port. It can be set low by programming the appropriate
bit in the Command instruction word. The
DTR output signal is
normally used for modem control such as Data Terminal
Ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com